Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
APPLICATION INFORMATION
0.01 µF
4.7µF
4.7µF
Vin7V
28V
–
0.01 F
0.1 F
332k
68.1k
47pF
0
47 µF
Vout3.3V
IoutMax3 A
6.8 µH
10.2k
3.24k
29.4k
1000pF
47 µF
STEP BY STEP DESIGN PROCEDURE
SWITCHING FREQUENCY
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
Figure 13. Typical Application Schematic
The following design procedure can be used to select component values for the TPS54331. Alternately, the
SwitcherPro™Software may be used to generate a complete design. The SwitcherPro™ Software uses an
iterative design procedure and accesses a comprehensive database of components when generating a design.
This section presents a simplified discussion of the design process.
To begin the design process a few parameters must be decided upon. The designer needs to know the following:
• Input voltage range
• Output voltage
• Input ripple voltage
• Output ripple voltage
• Output current rating
• Operating frequency
For this design example, use the following as the input parameters
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
7 V to 28V
Output voltage
3.3 V
Input ripple voltage
300 mV
Output ripple voltage
30 mV
Output current rating
3 A
Operating Frequency
570 kHz
The switching frequency for the TPS54331 is fixed at 570 kHz.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com