Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
I -LoadCurrent- A
L
V
=3.3V
O
V =12V
I
V =18V
I
V =24V
I
V =28V
I
V =5V
I
PH
VIN
GND
BOOT
VSENSE
COMP
SS
C
SS
D1
VIN
VOUT
EN
TPS54331
C
I
C
BOOT
L
O
C
O
Ren1
R
O2
C
1
C
2
R
3
Ren2
R
O1
TPS54331
www.ti.com ...................................................................................................................................................... SLVS839B – JULY 2008 – REVISED OCTOBER 2008
3A, 28V INPUT, STEP DOWN SWIFT™ DC/DC CONVERTER WITH ECO-MODE™
2
• 3.5V to 28V Input Voltage Range
• Adjustable Output Voltage Down to 0.8V
The TPS54331 is a 28-V, 3-A non-synchronous buck
converter that integrates a low Rds(on) high side
• Integrated 80 mΩ High Side MOSFET Supports
MOSFET. To increase efficiency at light loads, a
up to 3A Continuous Output Current
pulse skipping Eco-mode™ feature is automatically
• High Efficiency at Light Loads with a Pulse
activated. Furthermore, the 1
µA shutdown supply
Skipping Eco-mode™
current allows the device to be used in battery
powered applications. Current mode control with
• Fixed 570kHz Switching Frequency
internal slope compensation simplifies the external
• Typical 1µA Shutdown Quiescent Current
compensation calculations and reduces component
• Adjustable Slow Start Limits Inrush Currents
count while allowing the use of ceramic output
capacitors. A resistor divider programs the hysteresis
• Programmable UVLO Threshold
of the input under-voltage lockout. An overvoltage
• Overvoltage Transient Protection
transient protection circuit limits voltage overshoots
• Cycle by Cycle Current Limit, Frequency Fold
during startup and transient conditions. A cycle by
Back and Thermal Shutdown Protection
cycle current limit scheme, frequency fold back and
thermal shutdown protect the device and the load in
• Available in Easy-to-Use SOIC8 Package
the event of an overload condition. The TPS54331 is
• Supported by SwitcherPro™ Software Tool
available in an 8-pin SOIC package that has been
(http://focus.ti.com/docs/toolsw/folders/print/s
internally optimized to improve thermal performance.
witcherpro.html)
• For SWIFT™ Documentation, See the TI
Website at www.ti.com/swift
• Consumer Applications such as Set-Top
Boxes, CPE Equipment, LCD Displays,
Peripherals, and Battery Chargers
• Industrial and Car Audio Power Supplies
• 5V, 12V and 24V Distributed Power Systems
SIMPLIFIED SCHEMATIC
EFFICIENCY
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, Eco-mode, SwitcherPro are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54331 TI1-TPS54331 Datasheet
1Mb / 46P
3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54331 TI1-TPS54331 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54331 TI2-TPS54331 Datasheet
935Kb / 29P
3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
NOVEMBER 2010
More results

Similar Description - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com