Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments TPS54331 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
(
)
SENSE
CO
O
Gain =
20 log 2
R
F
C
p
-
´
´
´
´
(19)
(
)
(
)
CO
ESR
O
CO
O
O
PL =
tan 2
F
R
C
tan 2
F
R
C
a
a
p
p
´
´
´
´
-
´
´
´
´
(20)
(
)
90 deg
PB = PM
PL
-
-
(21)
÷
ø
ö
ç
è
æ
+
=
deg
45
2
tan
PB
k
(22)
k
F
F
CO
Z
=
1
(23)
k
F
F
CO
P
´
=
1
(24)
CO
O
O
OA
Z
ICOMP
ggm
REF
2 ×
× F
× V
× C
× R
R
=
GM
× V
× V
p
(25)
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
Where:
RSENSE = 1Ω/12
FCO = Closed-loop crossover frequency
CO = Output capacitance
The phase loss is given by Equation 20:
Where:
RESR = Equivalent series resistance of the output capacitor
RO = VO/IO
The measured overall loop response for the circuit is given in Figure 20. Note that the actual closed loop
crossover frequency is higher than intended at about 25 kHz. This is primarily due to variation in the actual
values of the output filter components and tolerance variation of the internal feed-forward gain circuitry. Overall
the design has greater than 60 degrees of phase margin and will be completely stable over all combinations of
line and load variability.
Now that the phase loss is known the required amount of phase boost to meet the phase margin requirement
can be determined. The required phase boost is given by Equation 21:
Where PM = the desired phase margin.
A zero / pole pair of the compensation network will be placed symmetrically around the intended closed loop
frequency to provide maximum phase boost at the crossover point. The amount of separation can be determined
by Equation 22 and the resultant zero and pole frequencies are given by Equation 23 and Equation 24
The low-frequency pole is set so that the gain at the crossover frequency is equal to the inverse of the gain of the
modulator and output filter. Due to the relationships established by the pole and zero relationships, the value of
RZ can be derived directly by Equation 25 :
Where:
VO = Output voltage
CO = Output capacitance
FCO = Desired crossover frequency
ROA = 8 MΩ
GMCOMP = 12 A/V
Vggm = 800
VREF = 0.8 V
With RZ known, CZ and CP can be calculated using Equation 26 and Equation 27:
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com