Electronic Components Datasheet Search
  English  ▼

X  

M52723ASP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 7Page - Renesas Technology Corp M52723ASP Datasheet HTML 8Page - Renesas Technology Corp M52723ASP Datasheet HTML 9Page - Renesas Technology Corp M52723ASP Datasheet HTML 10Page - Renesas Technology Corp M52723ASP Datasheet HTML 11Page - Renesas Technology Corp M52723ASP Datasheet HTML 12Page - Renesas Technology Corp M52723ASP Datasheet HTML 13Page - Renesas Technology Corp M52723ASP Datasheet HTML 14Page - Renesas Technology Corp M52723ASP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 11 of 22
GHP1 H Para. Gain Control1
Measure the amplitude of parabola waveform at pin 7 and it is defined as HP6 1.0 V.
GHP2 H Para. Gain Control2
The amplitude of parabola waveform at pin 7 is defined as HP6 2.5 V.
GHP2 =
1.5
HP6 2.5 V − HP6 1.0 V
GHP3 H Para. Gain Control3
Measure the amplitude of parabola waveform at pin 7. (Limit level)
DLI H Para. Limit Size Temperature Drift
Measure temperature drift of GHP3. (−20°C to 85°C)
I6 Pin 6 Input Current
Measure the input current to pin 6 when voltage of pin 6 is 2.5 V.
I19 Pin 19 Input Current
Measure the input current to pin 19 when voltage of pin 19 is 2 V.
AVP1 V Parabola Accuracy1
Measure the output voltage at pin 4 and it is defined as VP2 3.5 V.
AVP2 V Parabola Accuracy2
The output voltage at pin 4 is defined as VP2 1.9 V.
AVP2 = VP2 3.5 V − VP2 1.9 V
AVP3 V Parabola Accuracy3
The output voltage at pin 4 is defined as VP2 2.7 V.
AVP3 =
× 100 (%)
VP2 3.5 V − VP2 1.9 V
VP2 3.5 V − VP2 2.7 V
AVP4 V Parabola Accuracy4
The output voltage at pin 4 is defined as VP2 4.3 V.
AVP4 =
× 100 (%)
VP2 3.5 V − VP2 1.9 V
VP2 3.5 V − VP2 4.3 V
AVP5 V Parabola Accuracy5
The output voltage at pin 4 is defined as VP2 5.1 V.
AVP5 =
× 100 (%)
VP2 3.5 V − VP2 1.9 V
VP2 3.5 V − VP2 5.1 V
GVP1 V Parabola Amplitude1, GVP2 V Parabola Amplitude2, GVP3 V Parabola Amplitude3
Measure the amplitude of parabola waveform at pin 4 when the voltage of pin 5 is 0 V, 2.5 V, and 4 V.
When the voltage of pin 5 is 4 V, the amplitude of parabola waveform is defined as VP70 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com