Electronic Components Datasheet Search
  English  ▼

X  

M52723ASP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 8Page - Renesas Technology Corp M52723ASP Datasheet HTML 9Page - Renesas Technology Corp M52723ASP Datasheet HTML 10Page - Renesas Technology Corp M52723ASP Datasheet HTML 11Page - Renesas Technology Corp M52723ASP Datasheet HTML 12Page - Renesas Technology Corp M52723ASP Datasheet HTML 13Page - Renesas Technology Corp M52723ASP Datasheet HTML 14Page - Renesas Technology Corp M52723ASP Datasheet HTML 15Page - Renesas Technology Corp M52723ASP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 12 of 22
FVP1 V Para. Freq. Characteristics1
When the frequency of input signal in pin 2 is 50 Hz, the amplitude of parabola waveform at pin 4 is defined as VP50 Hz.
FVP1 = VP70 Hz − VP50 Hz
FVP2 V Para. Freq. Characteristics2
FVP2 = VP70 Hz − VP185 Hz
VVP1 V Para. VCC. Characteristics1
When the voltage of pin 10, 20 is 11.5 V, the amplitude of parabola waveform is defined as VP11.5 V.
VVP1 = VP70 Hz − VP11.5 V
VVP2 V Para. VCC. Characteristics2
When the voltage of pin 10, 20 is 12.5 V, the amplitude of parabola waveform is defined as VP12.5 V.
VVP2 = VP70 Hz − VP12.5 V
DVP V Para. Temperature Drift
Measure temperature drift of VP70 Hz. (−20°C to 85°C)
I2 Pin 2 Input Current
Measure the input current to pin 2 when the voltage of pin 2 is 3.5 V.
I3 Pin 3 Input Current
Measure the input current to pin 3 when the voltage of pin 3 is 3.5 V.
I5 Pin 5 Input Current
Measure the input current to pin 5 when the voltage of pin 5 is 3.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com