Electronic Components Datasheet Search
  English  ▼

X  

M52723ASP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 15Page - Renesas Technology Corp M52723ASP Datasheet HTML 16Page - Renesas Technology Corp M52723ASP Datasheet HTML 17Page - Renesas Technology Corp M52723ASP Datasheet HTML 18Page - Renesas Technology Corp M52723ASP Datasheet HTML 19Page - Renesas Technology Corp M52723ASP Datasheet HTML 20Page - Renesas Technology Corp M52723ASP Datasheet HTML 21Page - Renesas Technology Corp M52723ASP Datasheet HTML 22Page - Renesas Technology Corp M52723ASP Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 20 of 22
Pin Description (cont.)
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
12
CAGC
4.0 V
12
H-VCC
7.5 k
1.5 k
H-GND
Connection pin of horizontal AGC
capacitor.
Recommended capacitance is 1
µF.
13
VREFR
1.28 V
13
4 k
H-VCC
H-GND
Connection pin of reference current
source resister.
Recommended resistance is 6.8 k
Ω.
14
VREFO
7.0 V
14
10 p
50
µA
0.2 mA
H-VCC
H-GND
Reference voltage output for
horizontal pulse delay circuit.
Should be connect more than 10 k
Ω
external resister.
15
VPH
0 to 0.5 V
1.3 to 4.0 V
50
µA
H-VCC
H-GND
15
1 k
Delay adjustment voltage input pin of
horizontal pulse. Input voltage range
is 1.3 to 4.0 V.
At 0 to 0.5 V, delay is minimized.
(0.5 to 1.3 V is unusable range.)
16
Chpd
0 V
(Bottom)
2 k
2 k
H-VCC
H-GND
16
1 k
50
µA
Connection pin of horizontal pulse
delay timing capacitor.
Recommended capacitance is 100
pF.
0.5 to 5.0 VP-P
0 V
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com