Electronic Components Datasheet Search
  English  ▼

X  

M52723ASP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 14Page - Renesas Technology Corp M52723ASP Datasheet HTML 15Page - Renesas Technology Corp M52723ASP Datasheet HTML 16Page - Renesas Technology Corp M52723ASP Datasheet HTML 17Page - Renesas Technology Corp M52723ASP Datasheet HTML 18Page - Renesas Technology Corp M52723ASP Datasheet HTML 19Page - Renesas Technology Corp M52723ASP Datasheet HTML 20Page - Renesas Technology Corp M52723ASP Datasheet HTML 21Page - Renesas Technology Corp M52723ASP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 18 of 22
Pin Description
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
1
V-GND
GND of vertical block
2
Vsawi
3.5 V
2
50
µA
1 k
V-VCC
V-GND
Vertical sawtooth wave input pin.
1.6 V V
SAWREF
= 3.5 V
1.6 V
3
Vsawref
3.5 V
3
50
µA
1 k
V-VCC
V-GND
Vertical reference voltage input pin.
(3.5 V)
4
Vout
10 V (Peak)
1 mA
200
V-VCC
V-GND
4
Vertical parabola wave output pin.
Peak voltage = 10 V (fixed)
Amplitude is possible
to control by pin 5
5
VGV
1.0 to 4.0 V
5
50
µA
1 k
V-VCC
V-GND
Vertical parabola wave gain control
voltage input pin. Input voltage
range is 1.0 to 4.0 V.
6
VGH
1.0 to 4.0 V
6
50
µA
1 k
H-VCC
H-GND
Horizontal parabola wave gain
control voltage input pin. Input
voltage range is 1.0 to 4.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com