Electronic Components Datasheet Search
  English  ▼

X  

M52723ASP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 10Page - Renesas Technology Corp M52723ASP Datasheet HTML 11Page - Renesas Technology Corp M52723ASP Datasheet HTML 12Page - Renesas Technology Corp M52723ASP Datasheet HTML 13Page - Renesas Technology Corp M52723ASP Datasheet HTML 14Page - Renesas Technology Corp M52723ASP Datasheet HTML 15Page - Renesas Technology Corp M52723ASP Datasheet HTML 16Page - Renesas Technology Corp M52723ASP Datasheet HTML 17Page - Renesas Technology Corp M52723ASP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 14 of 22
Typical Characteristics
Pin 15 Delay Control Voltage (V)
Delay Control Voltage vs. Delay Time
1500
1250
1237.6
0
500
750
250
1000
−20
25
50
0100
85
125
75
150
3.5
0
0.5
1.5
1.0
2.0
2.5
3.0
01
0.5
1.3
23
4
5
Pin 19 H Size Control Voltage (V)
H Size Control Voltage vs.
H Parabola Amplitude Ratio
100
0
20
30
10
40
50
60
70
80
90
01
0.5
1.5
2.5
3.5
4.5
234
5
Ambient Temperature Ta (°C)
Thermal Derating (Maximum Rating)
643.6
Usable
range
Unusable
range
Usable range
Delay time
Pin 17 input
Pin 7 Output
Pin 6 = 2.5 V const.
Amplitude ratio =
× 100 (%)
Pin 7 output level at pin 19 = 4.0 V
Pin 7 output level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com