Electronic Components Datasheet Search
  English  ▼

X  

TDA9106 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 5Page - STMicroelectronics TDA9106 Datasheet HTML 6Page - STMicroelectronics TDA9106 Datasheet HTML 7Page - STMicroelectronics TDA9106 Datasheet HTML 8Page - STMicroelectronics TDA9106 Datasheet HTML 9Page - STMicroelectronics TDA9106 Datasheet HTML 10Page - STMicroelectronics TDA9106 Datasheet HTML 11Page - STMicroelectronics TDA9106 Datasheet HTML 12Page - STMicroelectronics TDA9106 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VERTICAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUTS SECTION
VEWM
Maximum EW Output Voltage
Pin 31
6.5
V
VEWm
Minimum EW Output Voltage
Pin 31
1.8
V
VDFm
Minimum Vertical Dynamic Focus Output Voltage
Pin 32
1.8
V
RLOAD
Minimum Load for less than 1% Vertical Amplitude Drift
Pin 25
65
M
Ω
Electrical Characteristics (VCC = 12V, Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VERTICAL RAMP SECTION
VRB
Voltage at Ramp Bottom Point
VREF-V=8V, Pin 27
2
V
VRT
Voltage at Ramp Top Point (with Sync) VREF-V
Pin 27
5
V
VRTF
Voltage at Ramp Top Point (without Sync)
Pin 27
VRT-
0.1
V
VSTD
Vertical Sawtooth Discharge Time Duration
(Pin 27)
With 150nF Cap
80
µs
VFRF
Vertical Free Running Frequency
(see Notes 3 & 4)
COSC (Pin 27) = 150nF
Measured on Pin27,
100
Hz
ASFR
AUTO-SYNC Frequency
C27 = 150nF
±5%
See Note 5
50
165
Hz
RAFD
Ramp Amplitude Drift Versus Frequency
at Maximum Vertical Amplitude
C27 = 150nF
50Hz < f and f < 165Hz
200
TBD
ppm/Hz
Rlin
Ramp Linearity on Pin 27 (see Notes 3 & 4)
2.5 < V27 and V27 < 4.5V
0.5
%
Vpos
Vertical Position Adjustment Voltage (Pin28)
Sub Address 06
Byte x0000000
Byte x1000000
Byte x1111111
3.65
3.2
3.5
3.8
3.3
V
V
V
IVPOS
Max Current on Vertical Position Output
Pin 28
±2mA
VOR
Vertical Output Voltage
(peak-to-peak on Pin 29)
Sub Address 05
Byte x0000000
Byte x1000000
Byte x1111111
3.5
2.25
3
3.75
2.5
V
V
V
VoutDC
DC Voltage on Vertical Output
See Note 6, Pin 29
3.5
V
VOI
Vertical Output Maximum Current (Pin29)
±5mA
dVS
Max Vertical S-Correction Amplitude
x0xxxxxx inhibits S-CORR
x1111111 gives max S-CORR
Subaddress 07
∆V/VPP at T/4
∆V/VPP at 3T/4
-4
+4
%
%
Ccorr
Vertical C-Corr Amplitude
x0xxxxxx inhibits C-CORR
SubAddress 08
Byte x1000000
Byte x1100000
Byte x1111111
-3
0
3
%
%
%
VflyTh
Vertical Flyback Threshold
Pin 30
1
V
VflyInh
Inhibition of Vertical Flyback Input
See Note 7, Pin 30
7.5
V
Notes : 3. With Register 07 at Byte x0xxxxxx (Vertical S-Correction Control) then the S correction is inhibited, consequently the sawtooth has
a linear shape.
4. With Register 08 at Byte x0xxxxxx (Vertical C - Correction Control) then the C correction is inhibited, consequently the sawtooth
has a linear shape.
5. It is the frequency range for which the VERTICAL OSCILLATOR will automatically synchronize, using a single capacitor value on
Pin 27 and with a constant ramp amplitude.
6. VOUTDC = (7/16).VREF-V. Typically 3.5V for Vertical reference voltage typical value (8V).
7. When Pin 30 ( VREF-V) - 0.5V, Vfly input is inhibited and vertical blanking on vertical blanking output is replaced by vertical sawtooth
discharge time.
TDA9106
9/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com