Electronic Components Datasheet Search
  English  ▼

X  

TDA9106 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9106 Datasheet HTML 1Page - STMicroelectronics TDA9106 Datasheet HTML 2Page - STMicroelectronics TDA9106 Datasheet HTML 3Page - STMicroelectronics TDA9106 Datasheet HTML 4Page - STMicroelectronics TDA9106 Datasheet HTML 5Page - STMicroelectronics TDA9106 Datasheet HTML 6Page - STMicroelectronics TDA9106 Datasheet HTML 7Page - STMicroelectronics TDA9106 Datasheet HTML 8Page - STMicroelectronics TDA9106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PIN CONNECTIONS
Pin
Name
Function
1
S/G
Sync on green input
2
MOIRE
Moire output
3
PLL1 INHIB
TTL-Compatible input for PLL1 inhibition
4
PLL2C
Second PLL Loop Filter
5
HREF
Horizontal Section Reference Voltage (to filter)
6
HFLY
Horizontal Flyback Input (positive polarity)
7
HGND
Horizontal Section Ground
8
FC2
VCO Low Threshold filtering Capacitor
9
FC1
VCO High Threshold filtering Capacitor
10
C0
Horizontal Oscillator Capacitor
11
R0
Horizontal Oscillator Resistor
12
PLL1F
First PLL Loop Filter
13
HLOCKCAP
First PLL Lock/Unlock Time Constant Capacitor
14
HPOS
Horizontal Centering Output (to filter)
15
XRAY
X-RAY protection input (with internal latch function)
16
HFOCUSCAP
Horizontal Dynamic Focus Oscillator Capacitor
17
HFOCUS
Horizontal Dynamic Focus Output
18
VCC
Supply Voltage (12V Typ)
19
GND
General Ground (related to VCC)
20
HOUTEM
Horizontal Drive Output (internal transistor emitter)
21
HOUTCOL
Horizontal Drive Output (int. trans. open collector)
22
HBLKOUT
Horizontal Blanking Output (see activation table)
23
VBLKOUT
Vertical Blanking Output (see activation table)
24
VGND
Vertical Section Ground
25
VAGCCAP
Memory Capacitor for Automatic Gain Control Loop in Vertical Ramp Generator
26
VREF
Vertical Section Reference Voltage (to filter)
27
VCAP
Vertical Sawtooth Generator Capacitor
28
VDCOUT
Vertical Position Reference Voltage Output
29
VOUT
Vertical Ramp Output (with frequency independant amplitude and S or C Corrections if any)
30
VFLY
Vertical Flyback Input (positive polarity)
31
EWOUT
East/West Pincushion Correction Parabola Output (with Corner corrections if any)
32
VFOCUS
Vertical Dynamic Focus Output
33
VSYNCIN
TTL-compatible Vertical Sync Input (for separated H&V)
34
TEST
Not to be used - Test pin
35
VSYNCOUT
TTL Vertical Sync Output (Extracted VSYNC in case of S/G or TTL Composite HV Inputs)
36
HOUT
TTL Horizontal Sync Output (To be used for frequency measurement)
37
HLOCKOUT
First PLL Lock/Unlock Output (5V unlocked - 0V locked)
38
H/HVIN
TTL-compatible Horizontal Sync Input
39
5V
Supply Voltage (5V Typ.)
40
SCL
I
2C-Clock input
41
SDA
I
2C-Data input
42
GND
Ground (Related to 5V)
TDA9106
2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com