Electronic Components Datasheet Search
  English  ▼

X  

TDA9106 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 13Page - STMicroelectronics TDA9106 Datasheet HTML 14Page - STMicroelectronics TDA9106 Datasheet HTML 15Page - STMicroelectronics TDA9106 Datasheet HTML 16Page - STMicroelectronics TDA9106 Datasheet HTML 17Page - STMicroelectronics TDA9106 Datasheet HTML 18Page - STMicroelectronics TDA9106 Datasheet HTML 19Page - STMicroelectronics TDA9106 Datasheet HTML 20Page - STMicroelectronics TDA9106 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
OPERATING DESCRIPTION
I - GENERAL CONSIDERATIONS
I.1 - Power Supply
The typical values of the power supply voltages
VCC and VDD are respectively 12V and 5V. Perfect
operationis obtained if VCC and VDD are maintened
in the limits : 10.8 to 13.2V and 4.5 to 5.5V.
In order to avoid erratic operation of the circuit
during transient phase of VCC switching on, or
switching off, the value of VCC is monitored and the
outputsof the circuit are inhibited if VCC is less than
7.5V typically.
In the same manner,VDD is monitored and internal
set-up is made until VDD reaches 4V (see I
2C
Control Table for power on reset).
In order to have a verygood powersupply rejection,
the circuit is internally powered by several internal
voltage references (the unique typical value of
which is 8V). Two of these voltage references are
externally accessible, one for the vertical part and
one for the horizontal one. If needed, these voltage
references can be used (until load is less than
5mA).Furthermore it is necessary to filter the a.m.
voltage references by the use of external capacitor
connectedto ground,in order to minimize the noise
and consequently the “jitter” on vertical and hori-
zontal output signals.
I.2 - I
2C Control
TDA9106 belongs to the I
2C controlled device fam-
ily, instead of being controlled by DC voltages on
dedicated control pins, each adjustment can be
realized through the I
2C Interface.
The I
2C bus is a serial bus with a clock and a data
input. The general function and the bus protocolare
specified in the Philips-bus data sheets.
The interface (Data and Clock) is TTL-level com-
patible. The internal threshold level of the input
comparator is 2.2V (when VDD is 5V). Spikes of up
to 50ns are filtered by an integrator and maximum
clock speed is limited to 400kHz.
The data line (SDA) can be used in a bidirectional
way that means in read-mode the IC clocks out a
reply information (1 byte) to the micro-processor.
The bus protocol prescribes always a full-byte
transmission. The first byte after the start condition
is used to transmit the IC-address(7 bits-8C) and
the read/write bit (0 write - 1 read).
I.3 - Write Mode
In write mode the second byte sent contains the
subaddress of the selected function to adjust (or
controls to affect)and the thirdbyte the correspond-
ing data byte.It is possible to send more than one
data byte to the IC. If after the third byte no stop or
start condition is detected, the circuit increments
automatically the momentary subaddress in the
subaddress counter by one (auto-increment
mode). So it is possible to transmit immediately the
next data bytes without sending the IC address or
subaddress.It can be useful so as to reinitialize the
whole controls very quickly (flash manner). This
procedure can be finished by a stop condition.
The circuit has 16 adjustment capabilities: 3 for
Horizontal part, 4 for Vertical one, 2 for E/W correc-
tion, 2 for original Corner correction, 2 for the
Dynamic Horizontal phase control,1 for Moire op-
tion and 2 for Horizontal Dynamic Focus.
20 bits are also dedicated to several controls
(ON/OFF, Horizontal Safety Frequency, Synchro
Priority, Detection Refresh and Xray reset).
I.4 - Read Mode
During read mode the second byte transmits the
reply information.
The reply byte contains Horizontal and Vertical
Lock/Unlock status, Xray activated or not, the Hori-
zontal and Vertical polarity detection. It also con-
tains Synchro detection status that is useful for
µP
to assign Sync priority.
A stop condition always stops all activities of the
bus decoder and switches the data and the clock
line (SDA and SCL) to high impedance.
See I
2C Subaddressand control tables.
I.5 - Synchro Processor
The internal Sync Processor allows the TDA9106
to accept any kind of input synchro signals :
- separated Horizontal & Vertical TTL-compatible
sync signals,
- composite Horizontal &Vertical TTL-compatible
sync signals,
- sync on green or composite video signal.
TDA9106
17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com