Electronic Components Datasheet Search
  English  ▼

X  

TDA9106 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 21Page - STMicroelectronics TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics TDA9106 Datasheet HTML 26Page - STMicroelectronics TDA9106 Datasheet HTML 27Page - STMicroelectronics TDA9106 Datasheet HTML 28Page - STMicroelectronics TDA9106 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
III.2 - EW
EWOUT = 2.5V + K1 (VOUT -VDCOUT)
2
+K2(VOUT -VDCOUT)
+K3(VOUT -VDCOUT)
2 |VOSC -VMID|
+K4(VOUT -VDCOUT)|VOSC -VMID|
VOSC is the ramp Pin 27 and VMID the middle of it,
typically 3.5V
K1 is adjustable by EW amplitude I
2C register
K2 is adjustable by Keystone I
2C register
K3 is adjustable by Cbow Corner I
2C register
K4 is adjustable by Spin Corner I
2C register
III.3 - Dynamic Horizontal Phase Control
IOUT =K5 (VOUT -VDCOUT)
2 +K6 (VOUT -VDCOUT)
K5 is adjustable by SidePin Balance I
2C register
K6 is adjustable by Parallelogram I
2C register
III.4 - Vertical Dynamic Focus
VFOCOUT = 6V - 0.7 (VOUT -VDCOUT)
2
No adjustment is available for this part except by
means of tracking.
III.5 - Vertical Sawtooth Generator
The vertical part generates a fixed amplitude ramp
which can be affectedby S and C correction shape.
Then, the amplitudeof this ramp is adjustedto drive
an external power stage (see Figure 22).
The internal reference voltage used for the vertical
part is available between Pin 26 and Pin 24. Its
typical value is :
V26 =VREF =8V
The charge of the external capacitor on Pin 27
(VCAP) generates a fixed amplituderamp between
the internal voltages, Vl (Vl =VREF/4) and VH (VH =
5/8 x VREF).
OPERATING DESCRIPTION (continued)
27
31
25
PARABOLA
GENERATOR
OSCILLATOR
38
OSC
CAP
DISCH.
H/HVIN
POLARITY
SAMPLING
SAMP.
CAP
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
29 VERT_OUT
VERT_AMP
SUB05/7bits
VS_AMP
SUB07/6bits
COR_C
SUB08/6bits
S CORRECTION
C CORRECTION
EW_AMP
SUB09/6bits
EW_OUT
EW_CENT
SUB0A/6bits
SPB_AMP
SUB0D/6bits
SPB_OUT
V_FOCUS
32
PARAL
SUB0E/6bits
CORNER
Corner
SUB0B/6bits
Corner Balance
SUB0C/6bits
Internal Signal to PLL2
SYNC
PROCESSOR
33
1
VSYNCIN
S/G
Figure 22 : Vertical Part Block Diagram
TDA9106
25/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com