Electronic Components Datasheet Search
  English  ▼

X  

TDA9106 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics TDA9106 Datasheet HTML 26Page - STMicroelectronics TDA9106 Datasheet HTML 27Page - STMicroelectronics TDA9106 Datasheet HTML 28Page - STMicroelectronics TDA9106 Datasheet HTML 29Page - STMicroelectronics TDA9106 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
When the synchronization pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 150nF,
the typical free running frequency is 106Hz.
Typical free running frequency can be calculated
by :
f0
(Hz)= 1.6 e−5 ⋅
1
COSC
A negative or positive TTL level pulse applied on
Pin 33 (VSYNC) as well as a TTL composite sync
on Pin 38 or a Sync on Green signal on Pin 1 can
synchronise the ramp in the range [fmin , fmax].
This frequency range depends on the external
capacitor connected on Pin 27. A capacitor in the
range [150nF, 220nF]
± 5% is recommanded for
application in the following range : 50Hz to 120Hz.
Typical maximum and minimum frequency, at 25
oC
and without any correction (S correction or C cor-
rection), can be calculated by :
f(Max.) = 2.5 x f0 and f(Min.) = 0.33 x f0
If S or C corrections are applied, these values are
slighty affected.
If a synchronization pulse is applied, the internal
oscillator is automaticaly synchronized but the am-
plitude is no more constant. An internal correction
is activated to adjust it in less than a half a second
: the highest point of the ramp (Pin 27) is sampled
on the sampling capacitor connected on Pin 25 at
each clock pulse and a transconductanceamplifier
generates the charge current of the capacitor. The
ramp amplitude becomes again constant and fre-
quency independant.
The read status register enables to have the verti-
cal Lock-Unlock and the vertical Sync Polarity in-
formations.
It is recommandedto use a AGC capacitor with low
leakage current. A value lower than 100nA is man-
datory.
Good stability of the internal closed loop is reached
by a 470nF
± 5% capacitorvalueon Pin 25 (VAGC).
Pin 30, VFLY is the vertical flyback input used to
generate the vertical blanking signal on Pin 23. If
Vfly is not used, (VREF - 0.5), at minimum, must be
connected to this input.
In such case, the vertical blanking output will be
activated by the vertical sync input signal and re-
setted by the end of vertical sawtooth discharging
pulse.
III.6 - I
2C Control Adjustments
Then, S and C correction shapes can be added to
this ramp. This frequency independent S and C
corrections are generated internally. Their ampli-
tude are adjustable by their respective I
2C register.
They can also be inhibited by their Select bit.
At the end, the amplitude of this S and C corrected
ramp can be adjusted by the vertical ramp ampli-
tude control register.
The adjusted ramp is available on Pin 29 (VOUT)to
drive an external power stage.
The gain of this stage is typically 25% depending
on its register value.
The DC value of this ramp is kept constant in the
frequency range, for any correction applied on it.
its typical value is VMID = 7/16
⋅ VREF.
A DC voltage is available on Pin 28 (VDCOUT). It
is driven by its own I
2C register (vertical Position).
Its value is VDCOUT = 7/16
⋅ VREF ± 300mV.
So the VDCOUT voltage is correlated with DC value
of VOUT. It increases the accuracy when tempera-
ture varies.
III.7 - Basic Equations
In first approximation, the amplitude of the ramp on
Pin 29 (Vout) is :
VOUT -VMID =(VOSC -VMID)
⋅ (1 + 0.25 (VAMP))
with VMID = 7/16
⋅ VREF ; typically 3.5V, the middle
value of the ramp on Pin 27
VOSC =V27 , ramp with fixed amplitude
VAMP is -1 for minimum vertical amplitude register
value and +1 for maximum
On Pin 28 (VDCOUT), the voltage (in volts) is calcu-
lated by :
VDCOUT =VMID + 0.3 (VPOS)
with VPOS equals -1 for minimum vertical position
register value and +1 for maximum
The current available on Pin 27 is :
IOSC
=
3
8
⋅ VREF⋅ COSC ⋅ f
with COSC : capacitor connected on Pin 27
f : synchronization frequency
OPERATING DESCRIPTION (continued)
TDA9106
26/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com