Electronic Components Datasheet Search
  English  ▼

X  

TEA2028 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 28Page - STMicroelectronics TEA2028 Datasheet HTML 29Page - STMicroelectronics TEA2028 Datasheet HTML 30Page - STMicroelectronics TEA2028 Datasheet HTML 31Page - STMicroelectronics TEA2028 Datasheet HTML 32Page - STMicroelectronics TEA2028 Datasheet HTML 33Page - STMicroelectronics TEA2028 Datasheet HTML 34Page - STMicroelectronics TEA2028 Datasheet HTML 35Page - STMicroelectronics TEA2028 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
7
9
40
µA
-1
T1
I
V
→ I
I2
IDC
I1
V
→ I
∆V
VREF
(1.26V)
t OUT
Low-pass
Filter
V
V
IN
13
B
A
Figure 63
-1.9
µs/mV
VIN
(Pin 9)
28
µs
10
µs
1.26V
9.5mV
5.2mV
t
(Pin 7)
ON
Figure 64 : Conduction Periode (Pin 7) versus
Input Voltage (Pin 9)
2
µs
t ON
28
µs (max.)
135V
0
SECONDARY
WINDING
VOLTAGE
SECONDARY
RECTIFIER DIODE
CURRENT
PRIMARY CURRENT
PRIMARY PULSES
V
LF
V13
7
Figure 65
V.7.2 - General operating principles
A fraction of the 135V output voltage to be regu-
lated is compared to the 1.26V reference voltage.
Resulting error signal is amplified and then applied
to phase modulator ”M1”, which will deliver a
square waveform at line frequency whose duty
cycle depends on the value of input voltage ”V9”.
A second phase modulator ”M2” will determine the
conduction period as a function of voltage on
Pin 15. This function is mandatory for system start-
up.
A28
µs window is used to limit the conduction
period of the primary-connected transistor.
Supply output (Pin 7) and line output (Pin 10) will
be disabled if any information indicating abnormal
operation is applied to safety input (Pin 28). Con-
sequently, all power stages are disabled and the
TV set is thus protected.
V.7.3 - Electrical characteristics of the internal
regulation loop
The phase modulator implemented by a simple
transistor ”T1” will compare in current mode, the
image of amplified input (i1) with saw-tooth current
(i2) at line frequency. With ”i2” rising, as soon as the
sum of ”i1 +i2 -IDC” goes positive, the transistor
enters into saturation thus determining the output
conduction period.
A low-pass filter implemented by combination of a
100pF capacitor and the input impedance of tran-
sistor ”T1”, attenuat es all frequency variations
higher than the line frequency.
- Input Amplification : A
=
di1
dVIN
= 3.3µA/mV
- Modulator conversion gain :
B=
dtOUT
di1
=−0.558µs/µA
- Overall gain of the internal loop :
dtOUT
dVIN
=−1.9µs/mV ×
1
1
+ j
f
f0
(f0 = 15kHz)
SMPS WAVEFORMS
For discontinous mode ”flyback” configuration
The primary-connected transistor is turned-off dur-
ing the line flyback.
All interference signals due to switching and sus-
ceptible to affect the video signal will not therefore
be visible on screen.
Regulation Characteristics
The following characteristics have been measured
on a large screen and yield excellent results :
- 135V voltage regulation as a function of mains
voltage : better than 0.5% for mains voltage vari-
ations of 170VRMS to 270VRMS (P = 60W at 135V)
- 135 V voltage regulation as a function of load :
better than 0.5% for a delivered power of 35W to
120W.
This type of power supply offers the following ad-
vantages :
- Overall efficiency enhancement: better than 80%
- Reduction of interferences by synchronizationon
horizontal frequency
TEA2028 - TEA2029 APPLICATION NOTE
32/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com