Electronic Components Datasheet Search
  English  ▼

X  

TEA2028 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 36Page - STMicroelectronics TEA2028 Datasheet HTML 37Page - STMicroelectronics TEA2028 Datasheet HTML 38Page - STMicroelectronics TEA2028 Datasheet HTML 39Page - STMicroelectronics TEA2028 Datasheet HTML 40Page - STMicroelectronics TEA2028 Datasheet HTML 41Page - STMicroelectronics TEA2028 Datasheet HTML 42Page - STMicroelectronics TEA2028 Datasheet HTML 43Page - STMicroelectronics TEA2028 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
4.7
µs
Burst
VIDEO SIGNAL
(Pin 27)
2.3
µs
1.3
µs
0V
12V
AGC SIGNAL
(Pin 20)
Without
Video Signal
Figure 79
VII.7 - AGC Key Pulse
As illustrated below, this signal is used in some TV
sets to perform sampling window for Automatic
Gain Control of picture demodulation network.
This system is called ”clamped” AGC, and locks the
demodulated line sync amplitude and hence sets
the video signal amplitude.
This signal generated by line logic circuitry is cor-
rectly positioned by the first phase locked loop ”
φ1”
and includes the line sync pulse of the video signal.
This is an open-collector output.
VIII - APPLICATION INFORMATION ON FRAME
SCANNING IN SWITCHED MODE
(TEA2029 ONLY)
VIII.1 - Fundamentals (see Figure 80)
The secondary winding of EHT transformer pro-
vides the energy required by frame yoke.
The frame current modulation is achieved by
modulating the horizontal saw-tooth current and
subsequent integration by a ”L.C” network to reject
the horizontal frequency component.
VIII.2 - General Description
The basic circuit is the phase comparator ”C1”
which compares the horizontal saw-tooth and the
output voltage of Error Amplifier ”A”.
The comparator output will go ”high” when the
horizontal saw-tooth voltage is higher than the ”A”
output voltage. Thus, the Pin 4 output signal is
switched in synchronization with the horizontal fre-
quency and the duty cycle is modulated at frame
frequency.
A driver stage delivers the current required by the
external power switch.
The external thyristor provides for energy transfer
between transformer and frame yoke.
The thyristor will conduct during the last portion of
horizontal trace phase and for half of the horizontal
retrace.
The inverse parallel-connected diode ”D” conducts
during the second portion of horizontal retrace and
at the beginning of horizontal trace phase.
Main advantages of this system are :
- Power thyristor soft ”turn-on”
Once the thyristor has been triggered, the current
gradually rises from 0 to IP, where IP will reach
the maximum value at the end of horizontal trace.
The slope current is determined by, the current
available through the secondary winding, the
yoke impedance and the ”L.C.” filter charac-
teristics.
- Power thyristor soft ”turn-off”
The secondary output current begins decreasing
and falls to 0 at the middle of retrace. The thyristor
is thus automatically ”turned-off”.
- Excellent efficiency of power stage due to very
low ”turn-on” and ”turn-off” switching losses.
TEA2028 - TEA2029 APPLICATION NOTE
40/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com