Electronic Components Datasheet Search
  English  ▼

X  

TEA2028 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 29Page - STMicroelectronics TEA2028 Datasheet HTML 30Page - STMicroelectronics TEA2028 Datasheet HTML 31Page - STMicroelectronics TEA2028 Datasheet HTML 32Page - STMicroelectronics TEA2028 Datasheet HTML 33Page - STMicroelectronics TEA2028 Datasheet HTML 34Page - STMicroelectronics TEA2028 Datasheet HTML 35Page - STMicroelectronics TEA2028 Datasheet HTML 36Page - STMicroelectronics TEA2028 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
- Full protection of the primary-connected transis-
tor in case of short-circuit or open-load on secon-
dary terminals
- Can provide 1W to 7W, for TV standby mode
operation (refer to TEA2164 application note).
V.7.4 - Power supply soft-start
When the TV set is initially turned on, control pulses
are not yet available and consequently the control-
ler block on primary side will impose a low-power
transfer to the secondary winding. This power is
produced by an intermittent switching mode called
”Burst Mode”.
As soon as the VCC supply to TEA2028B exceeds
6V level, line and SMPS outputs are enabled. Since
the filtering capactitors on secondary side cannot
charge up instantaneously, the voltage to be regu-
lated would not yet be at its nominal value. Without
conduction period limitation upon start-up, the de-
vice will set a maximum cycle of 28
µs which will
result in a high current flow through the primary
winding and thus through the switching transistor
which will in turn activate the protection function
implemented on primary side.
Consequently, the primary controller block will be
inhibited and the set will not turn-on.
A start-up system has been implemented within
TEA2028B to overcome this problem.
This soft start system, will upon initial start-up, use
the image of the falling voltage on Pin 15 to in-
crease progressively the conduction cycle. The
phase modulator ”M2” compares this voltage with
line saw-tooth voltage and delivers the correspond-
ing limitation cycle.
During supply voltage rising cycle [VCC (Pin 8)
< 6V], the capacitor Pin 15 will charge up rapidly
while the voltage across it follows VCC.
At VCC
≥ 6V, the capacitor is discharged via an
internal current generator and the voltage across it
decays linearly.
At V15
≤ 3.5V (line saw-tooth peak-to-peak volt-
age), phase comparator ”M2” delivers a low con-
duction period which will gradually increase.
The conduction period (Pin 7) will rise until the
secondary voltage reaches the value set by poten-
tiometer ”P”. When this occurs, the loop is acti-
vated.
The Pin 15 discharge current value is 100
µAfor a
duration of 2
µs line frequency.
Therefore ID(AV)
= 100 ×
2
64
= 3.1µA
Conduction period limitation voltage (Pin 15)
TON(LIM) =56
µs- 16 x V15 (in µs)
5.5V
5.5V
12V
6
6
3.5
t
t
t
t
VCC
VCC
V
CC
Soft-start area
Regulated Mode
Active area
PIN 8 SUPPLY
VOLTAGE (V)
PIN 15
VOLTAGE (V)
SMPS CONTROL
OUTPUT VOLTAGE
(PIN 7)
LINE OUTPUT
VOLTAGE (PIN 10)*
* Lin e output (Pin 10) an d Thyristo rco ntrol output (Pin 4) for TEA2029C
Figure 66
TEA2028 - TEA2029 APPLICATION NOTE
33/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com