Electronic Components Datasheet Search
  English  ▼

X  

TEA2028 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 2Page - STMicroelectronics TEA2028 Datasheet HTML 3Page - STMicroelectronics TEA2028 Datasheet HTML 4Page - STMicroelectronics TEA2028 Datasheet HTML 5Page - STMicroelectronics TEA2028 Datasheet HTML 6Page - STMicroelectronics TEA2028 Datasheet HTML 7Page - STMicroelectronics TEA2028 Datasheet HTML 8Page - STMicroelectronics TEA2028 Datasheet HTML 9Page - STMicroelectronics TEA2028 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
V - FUNCTIONAL DESCRIPTION
Majority of the on-chip analog functions were com-
puter simulated and results such as temperature
variation, technological characteristic dispersion
and stability, have led to the enhancement and
implementation of actually employed structures. A
parallel in-depth study of the device implemented
in form of integrated sub-sections is provided to
analyze the overall performance in a TV set.
V.1 - Internal Voltage and Current References
V.1.1 - 1.26V Voltage reference
For optimum operation of the device, an accurate
and temperature-stable voltage generator inde-
pendent from VCC variations is used (Band-gap
type generator).
The generated 1.26V is particularly used as refer-
ence setting on input comparators.
V.1.1.1 - Generator block diagram
VBE
I
T
VBE
λ
A
λ
GENERATOR
-2mV/
°C
T
+0.086mV/
°C
dt
dVO
=0
VO
VBE
=+ A .
λ
= 1.26V
Σ
Figure 3
with
λ =
K
⋅ T
q
= 25.7mV at + 25
oC
d
λ
dT
=
K
q
= + 0.086mV/
oC
dVBE
dT
=
VBE(25’) − 1.26
T
= - 2mV/
oC
if A
λ = 1.26 - VBE
Then : VO = 1.26V (temperature-independant)
In practice, maximum drift due to temperature can
be + 0.23mV/
oC
i.e.,
± 1.5% for a ∆Tof 80oC.
14
V
V
BE1
BE2
1.26V
IREF
I14
R EXT
VCC
+
Band
Gap
3.32k
Ω
1%
Figure 4
V.1.2 - Current reference
This is implemented using the 1.26V generator in
combination with an external resistor.
IREF
≈ I14 =
V14
REXT
=
1.26
+ VBE1 − VBE2
REXY
Let’s I14 = I and VEB1 =VBE2
then : IREF =
1.26
REXT
= 380
µA
Thus, it follows that IREF is accurate and inde-
pendent of both VCC and temperature.
A set of current generators proportional to IREF
current are used in various circuit blocks.
V.2 - Line Sync. Extraction
Horizontal and vertical time bases should be syn-
chronized with corresponding sync. pulses trans-
mitted inside the infra-black portion of video signal.
The duty of this stage is to extract these sync
pulses. The output signal, called composite sync,
contains the vertical sync which is transmitted by
simple inversion of line sync. pulses.
The vertical sync pulse is then extracted from this
composite signal.
The main advantage of this arrangement is its
ability to operate at video input signal levels falling
within 0.2V to 3V peak-to-peak range and at any
average value.
The operating principle is to lock the black level of
the input signal (Pin 27) onto internaly fixed voltage
(VN) and then memorize the average voltage of the
sync pulse by using an integrating capacitor con-
nected to Pin 26.
Finally, the composite sync signal is delivered by a
comparator the inputs of which are driven by V50%
and video signals.
TEA2028 - TEA2029 APPLICATION NOTE
6/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com