Electronic Components Datasheet Search
  English  ▼

X  

P11 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 5 Page - Vishay Siliconix

  P11 Datasheet HTML 1Page - Vishay Siliconix P11 Datasheet HTML 2Page - Vishay Siliconix P11 Datasheet HTML 3Page - Vishay Siliconix P11 Datasheet HTML 4Page - Vishay Siliconix P11 Datasheet HTML 5Page - Vishay Siliconix P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51031
5
Revision: 16-Jun-08
P11
Vishay Sfernice
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
Old Codes
A =
B24
B =
B30
C =
B53
0 =
Without
peg
LOCATING PEGS (Anti-Rotation Lug)
The locating peg is provided by a plate mounted on the bushing
and positioned by the module sides. Four set positions are
available, clock face orientation: 12, 3, 6, 9.
CODE
VERSION
BUSHING
A, B, C, D,
E, T, Q
BUSHING
F, V
EFFECTIVE
HIGH PEG
All P11 bushings have a double flat. When panel mounting
holes have been punched accordingly, an anti-rotation lug is
not necessary.
A
Ø d mm
2
2
0.7
L mm
6.2
6.2
B
Ø d mm
2
2
0.7
L mm
7.75
7.75
C
Ø d mm
-
3.5
1.1
L mm
-
13.5
Locating pegs are supplied in separate bags with nuts and
washers
12
L
3
6
9
Ø d
2Q0
E
A
S
Y
0
0
M
1
P
S
1
01
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com