Electronic Components Datasheet Search
  English  ▼

X  

P11 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 4 Page - Vishay Siliconix

  P11 Datasheet HTML 1Page - Vishay Siliconix P11 Datasheet HTML 2Page - Vishay Siliconix P11 Datasheet HTML 3Page - Vishay Siliconix P11 Datasheet HTML 4Page - Vishay Siliconix P11 Datasheet HTML 5Page - Vishay Siliconix P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Document Number: 51031
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
4
P11
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
Vishay Sfernice
Notes:
• Hardware supplied in separate bags
• Slotted bushing for locking nut option
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
P11
Ø
L
Old Codes
A 1/4" 1/4"
7, 77, 77-3
B 1/4" 3/8"
71
C 1/4" 1/2"
72
D 1/4" 3/8"
71H
E 1/4" 1/2"
72H
F 3/8" 3/8"
2, 03, 0-
G
8
8
TP, QP, VP, 2P, 7P
Q7
8
Q
T6
8
T
V 10 9.5
V, CC, CC-3
BUSHING DIMENSIONS
PANEL CUT OUT
A
B
C
K
J
Ø H
G
Bushings
F and V
G
Ø H
Bushings A, B,
C, D, E, T and Q
7.2
(0.284)
Ø 8.5
(0.335)
Bushing G
PANEL AND SHAFT SEALED: BUSHING G
BUSHING D AND E WITH LOCKING NUT
All models have the same bushing Dia. 8 mm - L 8 mm
Ø 8 (0.315)
6.7 (0.264)
8
(0.315)
A
B
C
Wrench 10 or 3/8"
J
BUSHINGS
G
T
QV
ABCD
E
F
DIMENSIONS mm (± 0.5)
DIMENSIONS INCHES (± 0.01)
A
Shafts
Ø
all Dia.
3
4
6
1/8"
1/8"
1/8"
1/8"
1/8"
1/4"
B
Bushing
Ø
8
6
7
10
1/4"
1/4"
1/4"
1/4"
1/4"
3/8"
C
L
8
8
8
9.5
1/4"
3/8"
1/2"
3/8"
1/2"
3/8"
J
Lead Versions
X.. Y..
6.7
5
5
7
0.200
0.200
0.200
0.200
0.200
0.278
K
10.4
9.1
9.1
11.1
0.357
0.357
0.357
0.357
0.357
0.436
G
Panel
7.2
5.2
6.2
8.2
0.197
0.197
0.197
0.197
0.197
0.323
H
Cutout
Ø
8.5
6.5
7.5
10.5
0.268
0.268
0.268
0.268
0.268
0.394
Threat
0.75
32 threads/inch
Wrench Nut
12
8
10
12
0.313
0.313
0.313
0.313
0.313
0.500
Style
slotted
slotted
2Q0
E
A
S
Y
0
0
M
1
P
S
1
013
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com