Electronic Components Datasheet Search
  English  ▼

X  

P11 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix P11 Datasheet HTML 10Page - Vishay Siliconix P11 Datasheet HTML 11Page - Vishay Siliconix P11 Datasheet HTML 12Page - Vishay Siliconix P11 Datasheet HTML 13Page - Vishay Siliconix P11 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51031
13
Revision: 16-Jun-08
P11
Vishay Sfernice
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
EXAMPLES OF FIRST ORDER INFORMATION
FIRST EXAMPLE: Triple module (switch is counted as a module)
MODEL
P11
STYLE
S
3 MODULES
BUSHING Q
(Ø7: L8)
WITHOUT LOCATING
PEG
CUSTOM SHAFT
SLOTTED
SOLDER LUGS
SPECIAL TO BE DEFINED
BY VISHAY
ORDERING INFORMATION:
PART NUMBER
P11S3Q0APSY00.....
SHAFT AND BUSHING
See drawing of special shaft attached
MODULE NO. 1
RSID
MODULE NO. 2
103 M A
J123
MODULE NO. 3
503 M A
J
SECOND EXAMPLE: Concentric shaft with 2 modules on each shaft
MODEL
P11
STYLE
S
5 MODULES
BUSHING V
(Ø10: L9,5)
WITHOUT LOCATING
PEG
STANDARD
CONCENTRIC
SHAFT CCR
SOLDER LUGS
SPECIAL TO BE DEFINED
BY VISHAY
ORDERING INFORMATION:
PART NUMBER
P11S5V0CCRY00.....
SHAFT AND BUSHING
MODULE NO. 1
CV1M
Driven by outer shaft
MODULE NO. 2
502 K A
Driven by outer shaft
MODULE NO. 3
5.08
Mechanical spacer 5,08 mm
MODULE NO. 4
103 K A
J44
Driven by inner shaft
MODULE NO. 5
103 K A
J44
Driven by inner shaft
PART NUMBER DESCRIPTION (used on some Vishay document or label, for information only)
P11S
2
Q
0
EA
S
Y00
10K
20 %
A
e3
MODEL
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS VALUE
TOL.
TAPER
SPECIAL SPECIAL
LEAD (Pb)-
FREE
3Q0
A
PSY
0
1
P
S
1
0
5V0
C
C
R
Y
0
1
P
S
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com