Electronic Components Datasheet Search
  English  ▼

X  

P11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 3 Page - Vishay Siliconix

  P11 Datasheet HTML 1Page - Vishay Siliconix P11 Datasheet HTML 2Page - Vishay Siliconix P11 Datasheet HTML 3Page - Vishay Siliconix P11 Datasheet HTML 4Page - Vishay Siliconix P11 Datasheet HTML 5Page - Vishay Siliconix P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51031
3
Revision: 16-Jun-08
P11
Vishay Sfernice
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUE AND DRIFTS
P11S
P11A
Load Life
1000 h at + 70 °C
(90'/30')
total resistance shift
contact resistance variation
± 2 %
± 4 %
± 10 %
± 5 %
Temperature Cycle
- 55 °C to + 125 °C, 5 cycles
total resistance shift
± 0.2 %
± 0.5 % typical
Moisture
+ 40 °C, 93 % relative humidity
total resistance shift
insulation resistance
56 days
± 2 %
> 1000 M
Ω
21 days
± 5 %
> 10 M
Ω
Rotational Life
P11S/P11A: 50 000 cycles
total resistance shift
contact resistance variation
± 5 %
± 5 %
± 6 %
± 4 %
Climatic Sequence
Dry heat at + 125 °C/damp heat
cold - 55 °C/damp heat
5 cycles
total resistance shift
± 1 %
-
Shock
50 g, 11 ms
3 shocks - 3 directions
total resistance shift
resistance setting change
± 0.2 %
± 0.5 %
± 0.2 %
± 0.5 % typical
Vibration
10 to 55 Hz
0.75 mm or 10 g, 6 h
total resistance shift
voltage setting change
± 0.2 %
± 0.5 % typical
± 0.2 %
± 0.5 % typical
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
P11
S =
CERMET ELEMENT
A =
CONDUCTIVE PLASTIC
(AUDIO)
1
2
3
4
5
6
7
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
P11S CERMET
P11A CONDUCTIVE PLASTIC
LINEAR LAW
TYPICAL TCR
- 55 °C/+ 125 °C
LINEAR LAW
NON LINEAR LAW
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
P11S
P11A
Ω
WV
mA
WV
mA
WV
mA
ppm/°C
22
47
50
100
200
470
500
1K
2.2K
4.7K
5K
10K
22K
47K
50K
100K
220K
470K
500K
1M
2.2M
4.7M
1
1
0.56
0.26
0.25
0.12
0.05
0.02
4.69
6.85
7.07
10
14.8
21.6
22.4
31.6
46.9
63.5
70.7
100
148
217
224
316
350
350
350
350
350
350
213
146
141
100
67.4
46.1
44.7
31.6
21.3
14.5
14.1
10
6.7
4.6
4.47
3.16
1.59
0.75
0.70
0.35
0.16
0.07
0.5
0.5
0.26
0.12
0.25
15.3
15.8
22.4
33.2
48.5
50.0
79.7
105
153
158
224
332
350
350
350
32.7
31.6
22.4
15.1
10.3
10.0
7.07
4.77
3.26
3.16
2.24
1.51
0.74
0.70
0.35
0.5
0.5
0.5
0.26
0.25
22.4
33.2
48.5
50.0
79.7
105
153
158
224
332
350
350
22.4
15.1
10.3
10.0
7.07
4.77
3.26
3.16
2.24
1.51
0.74
0.70
± 150
± 500
2Q0
E
A
S
Y
0
0
M
1
P
S
1
013
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com