Electronic Components Datasheet Search
  English  ▼

X  

P11 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button P11 Datasheet HTML 2Page - Vishay Siliconix P11 Datasheet HTML 3Page - Vishay Siliconix P11 Datasheet HTML 4Page - Vishay Siliconix P11 Datasheet HTML 5Page - Vishay Siliconix P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix P11 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Document Number: 51031
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
6
P11
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
Vishay Sfernice
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
Ø
L
Old Codes
S =
Slotted
AA
3
9.5
K
R =
Round
AB
3
12.5
M
F =
Flatted
AJ
3
22
R
K =
Knurled/
splined
AP = Custom shaft
BA 1/8" 3/8"
CK
D =
Custom
BB 1/8" 1/2"
CM
BG 1/8" 5/8"
CDM
BG 1/8" 5/8"
CD
BH 1/8" 3/4"
CH
BJ 1/8" 7/8"
CR
CC = Concentric shaft
EA
4
9.5
E
EB
4
12.5
F
EJ
4
22
G
FG
6
16
D
FH
6
19
I
FL
6
25
N
FR
6
50
S
GG 1/4" 5/8"
VD
GH 1/4" 3/4" VHM, VH
GJ 1/4" 7/8"
VR
GL 1/4" 1"
VN
GO 1/4" 1.5"
VL
SHAFTS
The shaft length are always measured from the mounting face.
Standard shafts are designed by a 3 letter code (3 digits). Shafts
slots are aligned to ± 10° of the wiper position.
All standard shafts are slotted except flatted and splined, see
exeptions for bushing.
BUSHING: Q
SPLINED SHAFT: FHK
FLATTED SHAFT
CUSTOM SHAFTS
When special shafts are required - flat, threated ends, special
shaft lengths, etc. a drawing is required.
STANDARD COMBINATION OF SHAFT STYLES AND BUSHINGS
SHAFT DIA.
BUSHING’ CODE
SHAFT LENGTH AND STYLE AVAILABLE IN STANDARD (Others on request)
3
T
AAS
ABS
AJS
3.17
A
BAS
BBS
BGS
BGF
BHS
BJS
3.17
B
BBS
BGS
BHS
BJS
3.17
C
BGS
BHS
BJS
4
Q
EAS
EBS
EJS
FHK
6
V
FGS
FLS
FRS
6.35
F
GGS
GHS
GJS
GLS
GOS
GHF
Ø 7
Ø 6
19
19.1
8 ± 0.5
Ø 6.35
+ 0
- 0.05
BUSHING:
F
SHAFT:
GHF
BUSHING:
A
SHAFT:
BGF
15.9
8 ± 0.5
0.3 at 45°
2Q0
E
A
S
Y
0
0
M
1
P
S
1
013
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com