Electronic Components Datasheet Search
  English  ▼

X  

CE5037 Datasheet(PDF) 19 Page - Intel Corporation

Part # CE5037
Description  Digital Satellite Tuner with RF Bypass
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE5037 Datasheet(HTML) 19 Page - Intel Corporation

Back Button CE5037 Datasheet HTML 15Page - Intel Corporation CE5037 Datasheet HTML 16Page - Intel Corporation CE5037 Datasheet HTML 17Page - Intel Corporation CE5037 Datasheet HTML 18Page - Intel Corporation CE5037 Datasheet HTML 19Page - Intel Corporation CE5037 Datasheet HTML 20Page - Intel Corporation CE5037 Datasheet HTML 21Page - Intel Corporation CE5037 Datasheet HTML 22Page - Intel Corporation CE5037 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
CE5037
Data Sheet
19
Intel Corporation
14
RFAGC
RF analog gain control input.
15
16
QOUT
QOUT
Q channel baseband differential
outputs.
AC couple as shown in application
diagram.
17
VccBB
+3.3 V voltage supply for Baseband.
18
19
IOUT
IOUT
I channel baseband differential
outputs.
AC couple as shown in application
diagram.
Same as pin 15,16
20
SLEEP
Hardware power down input.
Logic '0' normal mode.
Logic '1' - analog sections are
powered down including crystal
oscillator.
21
SCL
I2C serial clock input
Pin#
Name
Description
Schematic
RFAGC
Vcc
10k
30k
Vref
Output
Vcc
SLEEP
CMOS Digital input
SCL
CMOS Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com