Electronic Components Datasheet Search
  English  ▼

X  

CE5037 Datasheet(PDF) 22 Page - Intel Corporation

Part # CE5037
Description  Digital Satellite Tuner with RF Bypass
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE5037 Datasheet(HTML) 22 Page - Intel Corporation

Back Button CE5037 Datasheet HTML 18Page - Intel Corporation CE5037 Datasheet HTML 19Page - Intel Corporation CE5037 Datasheet HTML 20Page - Intel Corporation CE5037 Datasheet HTML 21Page - Intel Corporation CE5037 Datasheet HTML 22Page - Intel Corporation CE5037 Datasheet HTML 23Page - Intel Corporation CE5037 Datasheet HTML 24Page - Intel Corporation CE5037 Datasheet HTML 25Page - Intel Corporation CE5037 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CE5037
Data Sheet
22
Intel Corporation
7.0
Electrical Characteristics
Test conditions (unless otherwise stated)
Tamb = 25oC, Vee= 0V, All Vcc supplies = 3.3 V+-5%
Baseband Gain = 9 dB, RFG = 0
Baseband filter bandwidth 26.5 MHz
All power levels are referred to 75
Ω (0 dBm = 109 dBµV)
Specifications refer to total cascaded system of converter/AGC stage and baseband amplifier/filter stage.
Output amplitude of 0.5 Vp-p differential.
Characteristic
Min.
Typ.
Max.
Units
Conditions
Supply Current
145
155
200
215
mA
mA
Outputs unloaded. Max Filter bandwidth
RF Bypass disabled
RF Bypass enabled
Hardware Power Down
Software Power Down
0.2
1.7
3
mA
mA
No RF input.
Crystal oscillator remains operational
System
Input Return Loss
9
dB
Zo = 75
Ω with external matching.
Bypass enabled or disabled
Noise Figure DSB
8
8.5
10
10
13
dB
dB
dB
At max gain
At -70 dBm operating level
At -60 dBm operating level
Variation in NF with RF
gain adjust
-1
dB/dB
Above -60dBm operating level
Operating dynamic range
-92
-10
dBm
1MS/s
Operating dynamic range
-84
-10
dBm
27.5MS/s
Conversion Gain
Max
Min
72
78
-6
10
dB
dB
RFagc = 0.2V
RFagc = 2.8V
AGC Control Range
68
72
dB
AGC monotonic for RFagc from Vee to
Vcc
RFAGC input current
-150
150
µA
Vee <= RFagc<= Vcc
System IM2
-28
-40
dBc
dBc
Baseband defined, note 1
RF front-end defined, note 2
System IM3
-24
-30
dBc
dBc
Note 3
Note 4
IIP2
15
22
dBm
At -40 dBm input, note 2
IIP3
5
13
dBm
At -25 dBm input, note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com