Electronic Components Datasheet Search
  English  ▼

X  

CE5037 Datasheet(PDF) 29 Page - Intel Corporation

Part # CE5037
Description  Digital Satellite Tuner with RF Bypass
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE5037 Datasheet(HTML) 29 Page - Intel Corporation

Back Button CE5037 Datasheet HTML 23Page - Intel Corporation CE5037 Datasheet HTML 24Page - Intel Corporation CE5037 Datasheet HTML 25Page - Intel Corporation CE5037 Datasheet HTML 26Page - Intel Corporation CE5037 Datasheet HTML 27Page - Intel Corporation CE5037 Datasheet HTML 28Page - Intel Corporation CE5037 Datasheet HTML 29Page - Intel Corporation CE5037 Datasheet HTML 30Page - Intel Corporation CE5037 Datasheet HTML 31Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
CE5037
Data Sheet
29
Intel Corporation
Figure 11 - Noise Figure v Freq at 25°C
Figure 12 - Noise Figure v RFin v Temperature
RFin = -70dBm
6
7
8
9
10
11
12
950
1150
1350
1550
1750
1950
2150
Frequency (MHz)
LO = 1550MHz
0
10
20
30
40
50
-80
-70
-60
-50
-40
-30
-20
-10
RFin (dBm)
-15°C
+25°C
+90°C
Spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com