Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5422BCPZ Datasheet HTML 28Page - Analog Devices AD5422BCPZ Datasheet HTML 29Page - Analog Devices AD5422BCPZ Datasheet HTML 30Page - Analog Devices AD5422BCPZ Datasheet HTML 31Page - Analog Devices AD5422BCPZ Datasheet HTML 32Page - Analog Devices AD5422BCPZ Datasheet HTML 33Page - Analog Devices AD5422BCPZ Datasheet HTML 34Page - Analog Devices AD5422BCPZ Datasheet HTML 35Page - Analog Devices AD5422BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
AD5412/AD5422
Preliminary Technical Data
Rev. PrF | Page 32 of 38
Table 24. Programmable Slew Time values in seconds for a full-scale change on any output range.
Step Size (LSBs)
1
2
4
8
16
32
64
128
257732
0.25
0.13
0.06
0.03
0.016
0.008
0.004
0.0020
198413
0.33
0.17
0.08
0.04
0.021
0.010
0.005
0.0026
152439
0.43
0.21
0.11
0.05
0.027
0.013
0.007
0.0034
131579
0.50
0.25
0.12
0.06
0.031
0.016
0.008
0.0039
115741
0.57
0.28
0.14
0.07
0.035
0.018
0.009
0.0044
69444
0.9
0.47
0.24
0.12
0.06
0.03
0.015
0.007
37594
1.7
0.87
0.44
0.22
0.11
0.05
0.03
0.014
25773
2.5
1.3
0.64
0.32
0.16
0.08
0.04
0.020
20161
3.3
1.6
0.81
0.41
0.20
0.10
0.05
0.025
16026
4.1
2.0
1.0
0.51
0.26
0.13
0.06
0.03
10288
6.4
3.2
1.6
0.80
0.40
0.20
0.10
0.05
8278
7.9
4.0
2.0
1.0
0.49
0.25
0.12
0.06
6897
9.5
4.8
2.4
1.2
0.59
0.30
0.15
0.07
5525
12
5.9
3.0
1.5
0.74
0.37
0.19
0.09
4237
15
7.7
3.9
1.9
0.97
0.48
0.24
0.12
3300
20
9.9
5.0
2.5
1.24
0.62
0.31
0.16
IOUT FILTERING CAPACITORS (LFCSP PACKAGE)
Two capacitors may be placed between the pins CAP1, CAP2
and AVDD as shown in Figure 62.
CAP1
CAP2
AD5412/
AD5422
AVDD
IOUT
AGND
AVDD
C1
C2
Figure 62. IOUT Filtering Capacitors
These two pins are only available on the LFCSP package. The
capacitors form a filter on the current output circuitry as shown
in Figure 63 reducing the bandwidth and the rate of change of
the output current. These capacitors can be used as an
alternative to the Digital Slew Rate Control feature or in
addition to it as a means of smoothing out the steps caused by
the digital code increments.
R3
IOUT
AVDD
BOOST
DAC
R1
40K
12.5K
R2
CAP1
CAP2
C2
C1
Figure 63. IOUT Filter Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com