Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD5422BCPZ Datasheet HTML 1Page - Analog Devices AD5422BCPZ Datasheet HTML 2Page - Analog Devices AD5422BCPZ Datasheet HTML 3Page - Analog Devices AD5422BCPZ Datasheet HTML 4Page - Analog Devices AD5422BCPZ Datasheet HTML 5Page - Analog Devices AD5422BCPZ Datasheet HTML 6Page - Analog Devices AD5422BCPZ Datasheet HTML 7Page - Analog Devices AD5422BCPZ Datasheet HTML 8Page - Analog Devices AD5422BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 5 of 38
Parameter
Value1
Unit
Test Conditions/Comments
Output Voltage TC
±3
ppm FSR/°C max
Output Voltage Drift vs. Time
±12
ppm FSR/500 hr typ
Vout = ¾ of Full-Scale
±15
ppm FSR/1000 hr typ
Short-Circuit Current
20
mA typ
Load
2
kΩ min
For specified performance
Capacitive Load Stability
RL = ∞
20
nF max
RL = 2 kΩ
TBD
nF max
RL = ∞
1
µF max
External compensation capacitor of 4nF connected.
DC Output Impedance
0.3
Ω typ
Power-On Time
10
µs typ
DC PSRR
TBD
µV/V
CURRENT OUTPUT
Output Current Ranges
0 to 24
mA
0 to 20
mA
4 to 20
mA
ACCURACY
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
±0.3
% FSR max
Over temperature, supplies, and time, typically 0.1% FSR
TUE TC2
±5
ppm/°C typ
Relative Accuracy (INL)
±0.012
% FSR max
AD5422
±0.024
% FSR max
AD5412
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Offset Error
±0.05
% FSR max
Offset Error Drift
±5
µv/°C typ
Gain Error
±0.02
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Gain TC2
±8
ppm FSR/°C max
Full-Scale Error
0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Full-Scale TC2
±8
ppm FSR/°C
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
AVDD - 2.5
V max
Output Current Drift vs. Time
TBD
ppm FSR/500 hr typ
TBD
ppm FSR/1000 hr typ
Resistive Load
1200
Ω max
Inductive Load
1
H max
DC PSRR
1
µA/V max
Output Impedance
50
MΩ typ
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
5
V nom
±1% for specified performance
DC Input Impedance
30
kΩ min
Typically 40 kΩ
Reference Range
4 to 5
V min to V max
Reference Output
Output Voltage
4.998 to 5.002
V min to V max
@ 25°C
Reference TC
±10
ppm/°C max
Output Noise (0.1 Hz to 10 Hz)2
18
µV p-p typ
Noise Spectral Density2
120
nV/√Hz typ
@ 10 kHz
Output Voltage Drift vs. Time2
±40
ppm/500 hr typ
±50
ppm/1000 hr typ
Capacitive Load
TBD
nF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com