Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5422BCPZ Datasheet HTML 30Page - Analog Devices AD5422BCPZ Datasheet HTML 31Page - Analog Devices AD5422BCPZ Datasheet HTML 32Page - Analog Devices AD5422BCPZ Datasheet HTML 33Page - Analog Devices AD5422BCPZ Datasheet HTML 34Page - Analog Devices AD5422BCPZ Datasheet HTML 35Page - Analog Devices AD5422BCPZ Datasheet HTML 36Page - Analog Devices AD5422BCPZ Datasheet HTML 37Page - Analog Devices AD5422BCPZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 35 of 38
THERMAL AND SUPPLY CONSIDERATIONS
The AD5412/AD5422 is designed to operate at a maximum
junction temperature of 125°C. It is important that the device is
not operated under conditions that will cause the junction
temperature to exceed this value . Excessive junction
temperature can occur if the AD5412/AD5422 is operated from
the maximum AVDD and driving the maximum current (24mA)
directly to ground. In this case the ambient temperature should
be controlled or AVDD should be reduced. The conditions will
depend on the device package.
At maximum ambient temperature of 85°C the 24-lead TSSOP
package can dissipate 950mW and the 40-lead LFCSP package
can dissipate 1.42W.
To ensure the junction temperature does not exceed 125°C
while driving the maximum current of 24mA directly into
ground (also adding an on-chip current of 3mA), AVDD should
be reduced from the maximum rating to ensure the package is
not required to dissipate more power than stated above. See
Table 25, Figure 67 and Figure 68.
0
0.5
1
1.5
2
2.5
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (°C)
TSSOP
LFCSP
25
27
29
31
33
35
37
39
41
43
45
25
35
45
55
65
75
85
Ambient Temperature (°C)
TSSOP
LFCSP
Figure 67. Maximum Power Dissipation Vs Ambient Temperature
Figure 68. Maximum Supply Voltage Vs Ambient Temperature
Table 25. Thermal and Supply considerations for each package
TSSOP
LFCSP
Maximum allowed power dissipation
when operating at an ambient
temperature of 85°C
mW
A
T
J
T
950
42
85
125
JA
max
=
−
=
Θ
−
W
A
T
J
T
42
.
1
28
85
125
JA
max
=
−
=
Θ
−
Maximum allowed ambient
temperature when operating from a
supply of 40V and driving 24mA
directly to ground.
(
)
C
P
T
JA
D
J
°
=
×
×
−
=
Θ
×
−
79
42
027
.
0
40
125
max
(
)
C
P
T
JA
D
J
°
=
×
×
−
=
Θ
×
−
85
28
027
.
0
40
125
max
Maximum allowed supply voltage
when operating at an ambient
temperature of 85°C and driving 24mA
directly to ground.
V
AI
T
T
JA
DD
A
J
35
42
027
.
0
85
125
max
=
×
−
=
Θ
×
−
V
AI
T
T
JA
DD
A
J
53
28
027
.
0
85
125
max
=
×
−
=
Θ
×
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com