Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5422BCPZ Datasheet HTML 25Page - Analog Devices AD5422BCPZ Datasheet HTML 26Page - Analog Devices AD5422BCPZ Datasheet HTML 27Page - Analog Devices AD5422BCPZ Datasheet HTML 28Page - Analog Devices AD5422BCPZ Datasheet HTML 29Page - Analog Devices AD5422BCPZ Datasheet HTML 30Page - Analog Devices AD5422BCPZ Datasheet HTML 31Page - Analog Devices AD5422BCPZ Datasheet HTML 32Page - Analog Devices AD5422BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 29 of 38
STATUS REGISTER
The STATUS register is a read only register. The STATUS register functionality is shown in Table 19 and Table 20.
Table 19. Decoding the STATUS Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
IOUT FAULT
SLEW ACTIVE
OVER TEMP
Table 20. STATUS Register Functions
Option
Description
IOUT FAULT
This bit will be set if a fault is detected on the IOUT pin.
SLEW ACTIVE
This bit will be set while the output value is slewing (slew rate control enabled)
OVER TEMP
This bit will be set if the AD5412/AD5422 core temperature exceeds approx. 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com