Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD5422BCPZ Datasheet HTML 1Page - Analog Devices AD5422BCPZ Datasheet HTML 2Page - Analog Devices AD5422BCPZ Datasheet HTML 3Page - Analog Devices AD5422BCPZ Datasheet HTML 4Page - Analog Devices AD5422BCPZ Datasheet HTML 5Page - Analog Devices AD5422BCPZ Datasheet HTML 6Page - Analog Devices AD5422BCPZ Datasheet HTML 7Page - Analog Devices AD5422BCPZ Datasheet HTML 8Page - Analog Devices AD5422BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
AD5412/AD5422
Preliminary Technical Data
Rev. PrF | Page 4 of 38
SPECIFICATIONS
AVDD = 10.8V to 40V, AVSS = -26.4V to -3V/0V, AVDD + |AVSS| < 52.8V, AGND = DGND = 0 V, REFIN= +5 V external;
DVCC = 2.7 V to 5.5 V, VOUT : RL = 1 kΩ, CL = 200 pF, IOUT : RL = 300Ω, HL = 50mH;
all specifications TMIN to TMAX, ±10 V / 0 to 24 mA range unless otherwise noted.
Table 2.
Parameter
Value1
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0 to 5
V
0 to 10
V
-5 to +5
V
-10 to +10
V
ACCURACY
Output unloaded
Bipolar Output
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
0.1
% FSR max
Over temperature, supplies, and time, typically 0.05%
FSR
TUE TC2
±3
ppm typ
Relative Accuracy (INL)
±0.012
% FSR max
AD5422
±0.024
% FSR max
AD5412
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±5
mV max
@ 25°C, error at other temperatures obtained using
bipolar zero TC
Bipolar Zero TC2
±3
ppm FSR/°C max
Zero-Scale Error
±1
mV max
@ 25°C, error at other temperatures obtained using zero
scale TC
Zero-Scale TC2
±3
ppm FSR/°C max
Gain Error
±0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Gain TC2
±8
ppm FSR/°C max
Full-Scale Error
0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Full-Scale TC2
±3
ppm FSR/°C max
Unipolar Output
AVSS = 0 V
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
0.1
% FSR max
Over temperature, supplies, and time, typically 0.05%
FSR
Relative Accuracy (INL)
±0.012
% FSR max
AD5422
±0.024
% FSR max
AD5412
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic (at 16 bit-resolution)
Zero Scale Error
+10
mV max
@ 25°C, error at other temperatures obtained using gain
TC
Zero Scale TC2
±3
ppm FSR/°C max
Offset Error
±10
mV max
Gain Error
±0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Gain TC2
±3
ppm FSR/°C max
Full-Scale Error
0.05
% FSR max
@ 25°C, error at other temperatures obtained using gain
TC
Full-Scale TC2
±3
ppm FSR/°C max
OUTPUT CHARACTERISTICS2
Headroom
0.8
V max
0.5V typ. Output Unloaded
TBD
V max
TBD typ. 1K
Ω Load on Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com