Electronic Components Datasheet Search
  English  ▼

X  

AD5752 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 5 Page - Analog Devices

  AD5752 Datasheet HTML 1Page - Analog Devices AD5752 Datasheet HTML 2Page - Analog Devices AD5752 Datasheet HTML 3Page - Analog Devices AD5752 Datasheet HTML 4Page - Analog Devices AD5752 Datasheet HTML 5Page - Analog Devices AD5752 Datasheet HTML 6Page - Analog Devices AD5752 Datasheet HTML 7Page - Analog Devices AD5752 Datasheet HTML 8Page - Analog Devices AD5752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 5 of 32
AC PERFORMANCE CHARACTERISTICS
AVDD = 4.5 V1 to 16.5 V; AVSS = −4.5 V to −16.5 V, or AVSS = 0 V; GND = 0 V; REFIN = 2.5 V; DVCC = 2.7 V to 5.5 V; RLOAD = 2 kΩ;
CLOAD = 200 pF; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
10
12
μs
20 V step to ±0.03% FSR
7.5
8.5
μs
10 V step to ±0.03% FSR
5
μs
512 LSB step settling (16-bit resolution)
Slew Rate
3.5
V/μs
Digital-to-Analog Glitch Energy
13
nV-sec
Glitch Impulse Peak Amplitude
35
mV
Digital Crosstalk
10
nV-sec
DAC-to-DAC Crosstalk
10
nV-sec
Digital Feedthrough
0.6
nV-sec
Output Noise
0.1 Hz to 10 Hz Bandwidth
15
μV p-p
0x8000 DAC code
100 kHz Bandwidth
80
μV rms
Output Noise Spectral Density
320
nV/√Hz
Measured at 10 kHz, 0x8000 DAC code
1 For specified performance, the maximum headroom requirement is 0.9 V.
2 Guaranteed by design and characterization; not production tested.
TIMING CHARACTERISTICS
AVDD = 4.5 V to 16.5 V; AVSS = −4.5 V to −16.5 V, or AVSS = 0 V; GND = 0 V; REFIN = 2.5 V; DVCC = 2.7 V to 5.5 V; RLOAD = 2 kΩ; CLOAD =
200 pF; all specifications tMIN to tMAX, unless otherwise noted.
Table 3.
Parameter1, 2, 3
Limit at tMIN, tMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t5
13
ns min
SCLK falling edge to SYNC rising edge
t6
100
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
0
ns min
Data hold time
t9
20
ns min
LDAC falling edge to SYNC falling edge
t10
20
ns min
SYNC rising edge to LDAC falling edge
t11
20
ns min
LDAC pulse width low
t12
10
μs max
DAC output settling time
t13
20
ns min
CLR pulse width low
t14
2.5
μs max
CLR pulse activation time
t154
13
ns min
SYNC rising edge to SCLK falling edge
t164
40
ns max
SCLK rising edge to SDO valid (CL SDO5 = 15 pF)
t17
200
ns min
Minimum SYNC high time (readback/daisy-chain mode)
1 Guaranteed by characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 Daisy-chain and readback mode.
5 CL SDO = capacitive load on SDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com