Electronic Components Datasheet Search
  English  ▼

X  

AD5752 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5752 Datasheet HTML 10Page - Analog Devices AD5752 Datasheet HTML 11Page - Analog Devices AD5752 Datasheet HTML 12Page - Analog Devices AD5752 Datasheet HTML 13Page - Analog Devices AD5752 Datasheet HTML 14Page - Analog Devices AD5752 Datasheet HTML 15Page - Analog Devices AD5752 Datasheet HTML 16Page - Analog Devices AD5752 Datasheet HTML 17Page - Analog Devices AD5752 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 14 of 32
0
1
2
3
4
5
6
–3
–1
1
3
5
7
9
11
TIME (µs)
Figure 30. Full-Scale Settling Time, +5 V Range
TIME (µs)
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–1
0
1
2
3
4
5
±
±10V RANGE, 0x7FFF TO 0x8000
±10V RANGE, 0x8000 TO 0x7FFF
±5V RANGE, 0x7FFF TO 0x8000
±5V RANGE, 0x8000 TO 0x7FFF
+10V RANGE, 0x7FFF TO 0x8000
+10V RANGE, 0x8000 TO 0x7FFF
+5V RANGE, 0x7FFF TO 0x8000
+5V RANGE, 0x8000 TO 0x7FFF
Figure 31. Digital-to-Analog Glitch Energy
CH1 5µV
M 5s
LINE
73.8V
1
RANGE = +10V
RANGE = ±10V
RANGE = ±5V
RANGE = +5V
Figure 32. Peak-to-Peak Noise, 0.1 Hz to 10 Hz Bandwidth
CH1 5µV
M5s
LINE
73.8V
1
RANGE = +10V
RANGE = ±10V
RANGE = ±5V
RANGE = +5V
Figure 33. Peak-to-Peak Noise, 100 kHz Bandwidth
TIME (µs)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–50
–30
–10
10
30
50
70
90
AVDD/AVSS = ±16.5V
AVDD = +16.5V, AVSS = 0V
Figure 34. Output Glitch on Power-Up
CODE
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
0
1000
2000
3000
4000
5000
6000
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
Figure 35. AD5752 Total Unadjusted Error vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com