Electronic Components Datasheet Search
  English  ▼

X  

AD5752 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5752 Datasheet HTML 21Page - Analog Devices AD5752 Datasheet HTML 22Page - Analog Devices AD5752 Datasheet HTML 23Page - Analog Devices AD5752 Datasheet HTML 24Page - Analog Devices AD5752 Datasheet HTML 25Page - Analog Devices AD5752 Datasheet HTML 26Page - Analog Devices AD5752 Datasheet HTML 27Page - Analog Devices AD5752 Datasheet HTML 28Page - Analog Devices AD5752 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 25 of 32
DAC REGISTER
The DAC register is addressed by setting the three REG bits to 000. The DAC address bits select the DAC channel in which the data
transfer is to take place (see Table 17). The data bits are in positions DB15 to DB0 for the AD5752 (see Table 18), DB15 to DB2 for the
AD5732 (see Table 19), and DB15 to DB4 for the AD5722 (see Table 20).
Table 18. Programming the AD5752 DAC Register
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to DB0
0
0
0
0
0
DAC address
16-bit DAC data
Table 19. Programming the AD5732 DAC Register
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to DB2
DB1
DB0
0
0
0
0
0
DAC address
14-bit DAC data
X
X
Table 20. Programming the AD5722 DAC Register
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
DAC address
12-bit DAC data
X
X
X
X
OUTPUT RANGE SELECT REGISTER
The output range select register is addressed by setting the three REG bits to 001. The DAC address bits select the DAC channel, and the
range bits (R2, R1, R0) select the required output range (see Table 21 and Table 22).
Table 21. Programming the Required Output Range
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to DB3
DB2
DB1
DB0
0
0
0
0
1
DAC address
Don’t care
R2
R1
R0
Table 22. Output Range Options
R2
R1
R0
Output Range (V)
0
0
0
+5
0
0
1
+10
0
1
0
+10.8
0
1
1
±5
1
0
0
±10
1
0
1
±10.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com