Electronic Components Datasheet Search
  English  ▼

X  

AD5752R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5752R
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5752R Datasheet HTML 3Page - Analog Devices AD5752R Datasheet HTML 4Page - Analog Devices AD5752R Datasheet HTML 5Page - Analog Devices AD5752R Datasheet HTML 6Page - Analog Devices AD5752R Datasheet HTML 7Page - Analog Devices AD5752R Datasheet HTML 8Page - Analog Devices AD5752R Datasheet HTML 9Page - Analog Devices AD5752R Datasheet HTML 10Page - Analog Devices AD5752R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Preliminary Technical Data
AD5722R/AD5732R/AD5752R
Rev. PrC | Page 7 of 32
Parameter
Value
Unit
Test Conditions/Comments
VOL, Output Low Voltage
0.4
V max
DVCC = 2.7 V to 3.6 V, sinking 200 µA
VOH, Output High Voltage
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V, sourcing 200 µA
High Impedance Leakage Current
±1
µA max
High Impedance Output Capacitance
5
pF typ
POWER REQUIREMENTS
AVDD
4.5 to 16.5
V min to V max
DVCC
2.7 to 5.5
V min to V max
Power Supply Sensitivity2
∆VOUT/∆ΑVDD
−75
dB typ
AIDD
2.75
mA/channel max
Outputs unloaded
DICC
1
µA max
VIH = DVCC, VIL = GND, 0.5 µA typ
Power Dissipation
TBD
mW typ
12 V operation, outputs unloaded
1 For specified performance minimum headroom requirement is 0.9V
2 Guaranteed by characterization. Not production tested.
AC PERFORMANCE CHARACTERISTICS
AVDD = 4.5 V1 to 16.5 V, AVSS = −4.5 V to −16.5 V / 0V, GND = 0 V, REFIN= 2.5 V external, DVCC = 2.7 V to 5.5 V
RLOAD = 2 kΩ, CLOAD = 200 pF; all specifications TMIN to TMAX, ±10 V range unless otherwise noted.
Table 4.
Parameter2
B Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
8
µs typ
Full-scale step (20 V) to ±0.03 % FSR
10
µs max
5
µs max
512 LSB step settling (@ 16 bits)
Slew Rate
4.5
V/µs typ
Digital-to-Analog Glitch Energy
35
nV-sec typ
Glitch Impulse Peak Amplitude
25
mV typ
Digital Crosstalk
10
nV-sec typ
DAC-to-DAC Crosstalk
10
nV-sec typ
Digital Feedthrough
0.1
nV-sec typ
Output Noise (0.1 Hz to 10 Hz Bandwidth)
0.05
LSB p-p typ
Output Noise (100 kHz Bandwidth)
80
µV rms max
1/f Corner Frequency
1
kHz typ
Output Noise Spectral Density
120
nV/√Hz typ
Measured at 10 kHz
1 For specified performance minimum headroom requirement is 0.9V
2 Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com