Electronic Components Datasheet Search
  English  ▼

X  

AD5752R Datasheet(PDF) 31 Page - Analog Devices

Part # AD5752R
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5752R Datasheet HTML 24Page - Analog Devices AD5752R Datasheet HTML 25Page - Analog Devices AD5752R Datasheet HTML 26Page - Analog Devices AD5752R Datasheet HTML 27Page - Analog Devices AD5752R Datasheet HTML 28Page - Analog Devices AD5752R Datasheet HTML 29Page - Analog Devices AD5752R Datasheet HTML 30Page - Analog Devices AD5752R Datasheet HTML 31Page - Analog Devices AD5752R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Preliminary Technical Data
AD5722R/AD5732R/AD5752R
Rev. PrC | Page 31 of 32
APPLICATIONS INFORMATION
+5V / ±5V OPERATION
When operating from a single +5V supply or a dual ±5V supply
an output range of +5V or ±5V is not achievable as sufficient
headroom for the output amplifier is not available. In this
situation a reduced reference voltage can be used, for instance a
2V reference voltage will produce an output range of +4V or
±4V, the 1v of headroom is more than rnough for full operation.
A standard value voltage reference of 2.048V can be used to
produce output ranges of +4.096V and ±4.096V. Refer to the
Typical Performance Characteristics plots for performance data
at a range of voltage reference values.
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5722R/AD5732R/AD5752R are mounted should
be designed so that the analog and digital sections are separated
and confined to certain areas of the board. If the AD5722R/
AD5732R/AD5752R are in a system where multiple devices
require an AGND-to-DGND connection, the connection should
be made at one point only. The star ground point should be
established as close as possible to the device.
The AD5722R/AD5732R/AD5752R should have an ample supply
bypassing of a 10 µF capacitor in parallel with a 0.1 µF capacitor
on each supply located as close to the package as possible,
ideally right up against the device. The 10 µF capacitors are the
tantalum bead type. The 0.1 µF capacitor should have low
effective series resistance (ESR) and low effective series
inductance (ESI) such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
The power supply lines of the AD5722R/AD5732R/AD5752R
should use as large a trace as possible to provide low impedance
paths and reduce the effects of glitches on the power supply
line. Fast switching signals such as clocks should be shielded
with digital ground to avoid radiating noise to other parts of the
board and should never be run near the reference inputs. A
ground line routed between the SDIN and SCLK lines helps
reduce crosstalk between them (this is not required on a
multilayer board that has a separate ground plane, but separating
the lines does help). It is essential to minimize noise on the
REFIN line because it couples through to the DAC output.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feed through the board. A
microstrip technique is by far the best, but not always possible
with a double-sided board. In this technique, the component
side of the board is dedicated to ground plane, while signal
traces are placed on the solder side.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
iCoupler® family of products from Analog Devices provides
voltage isolation in excess of 2.5 kV. The serial loading structure
of the AD5722R/AD5732R/AD5752R make them ideal for
isolated interfaces because the number of interface lines is kept
to a minimum. Figure 47 shows a 4-channel isolated interface to
the AD5722R/AD5732R/AD5752R using an ADuM1400. For
further information, visit http://www.analog.com/icouplers.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VIA
VIB
VIC
VID
VOA
VOB
VOC
VOD
ENCODE
DECODE
ADuM1400*
MICROCONTROLLER
SERIAL CLOCK OUT
SERIAL DATA OUT
SYNC OUT
CONTROL OUT
TO SCLK
TO SDIN
TO SYNC
TO LDAC
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 47. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5722R/AD5732R/AD5752R
is via a serial bus that uses standard protocol compatible with
microcontrollers and DSP processors. The communications
channel is a 3-wire (minimum) interface consisting of a clock
signal, a data signal, and a synchronization signal. The
AD5722R/AD5732R/AD5752R require a 24-bit data-word with
data valid on the falling edge of SCLK.
For all interfaces, the DAC output update can be initiated
automatically when all the data is clocked in, or it can be
performed under the control of LDAC. The contents of the
registers can be read using the readback function.
AD5722R/AD5732R/AD5752R to Blackfin® DSP interface
Figure 48 shows how the AD5722R/AD5732R/AD5752R can be
interfaced to Analog Devices Blackfin DSP. The Blackfin has an
integrated SPI port that can be connected directly to the SPI
pins of the AD5722R/AD5732R/AD5752R and the programmable
I/O pins that can be used to set the state of a digital input such
as the LDAC pin.
SYNC
ADSP-BF531
AD5722R/
AD5732R/
AD5752R
SCLK
SDIN
SPISELx
SCK
MOSI
LDAC
PF10
Figure 48. AD5722R/AD5732R/AD5752R to Blackfin Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com