Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 8 Page - Analog Devices

Part # AD5754R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5754R Datasheet HTML 4Page - Analog Devices AD5754R Datasheet HTML 5Page - Analog Devices AD5754R Datasheet HTML 6Page - Analog Devices AD5754R Datasheet HTML 7Page - Analog Devices AD5754R Datasheet HTML 8Page - Analog Devices AD5754R Datasheet HTML 9Page - Analog Devices AD5754R Datasheet HTML 10Page - Analog Devices AD5754R Datasheet HTML 11Page - Analog Devices AD5754R Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 8 of 32
TIMING CHARACTERISTICS
AVDD = 4.5 V to 16.5 V, AVSS = −4.5 V to −16.5 V / 0V, GND = 0 V, REFIN = 2.5 V external, DVCC = 2.7 V to 5.5 V,
RLOAD = 2 kΩ, CLOAD = 200 pF; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t5
13
ns min
SCLK falling edge to SYNC rising edge
t6
100
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
0
ns min
Data hold time
t9
20
ns min
LDAC falling edge to SYNC falling edge
t10
20
ns min
SYNC rising edge to LDAC falling edge
t11
20
ns min
LDAC pulse width low
t12
1.5
µs max
LDAC falling edge to DAC output response time
t13
10
µs max
DAC output settling time
t14
1.5
µs max
SYNC rising edge to output response time (LDAC = 0)
t15
20
ns min
CLR pulse width low
t16
2.5
µs max
CLR pulse activation time
t174
13
ns min
SYNC rising edge to SCLK falling edge
t184
40
ns max
SCLK rising edge to SDO valid (CL SDO5 = 15 pF)
t19
200
ns min
Minimum SYNC high time (readback/daisy-chain mode)
1 Guaranteed by characterization. Not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 Daisy-chain and Readback mode.
5 CL SDO = Capacitive load on SDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com