Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5754R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5754R Datasheet HTML 17Page - Analog Devices AD5754R Datasheet HTML 18Page - Analog Devices AD5754R Datasheet HTML 19Page - Analog Devices AD5754R Datasheet HTML 20Page - Analog Devices AD5754R Datasheet HTML 21Page - Analog Devices AD5754R Datasheet HTML 22Page - Analog Devices AD5754R Datasheet HTML 23Page - Analog Devices AD5754R Datasheet HTML 24Page - Analog Devices AD5754R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 21 of 32
THEORY OF OPERATION
The AD5724R/AD5734R/AD5754R are quad, 12-/14-/16-bit,
serial input, unipolar/bipolar, voltage output DACs. They
operate from single supply voltages of +4.5 V to +16.5 V or dual
supply voltages of ±4.5 V to ±16.5 V. In addition, the parts have
software-selectable output ranges of +5 V, +10 V, +10.8 V, ±5 V,
±10 V, and ±10.8 V. Data is written to the
AD5724R/AD5734R/AD5754R in a 24-bit word format via a
3-wire serial interface. The devices also offer an SDO pin to
facilitate daisy chaining or readback.
The AD5724R/AD5734R/AD5754R incorporate a power-on
reset circuit to ensure that the DAC registers power up loaded
with 0x0000. When powered on, the outputs are clamped to 0 V
via a low impedance path. The parts also feature on-chip
reference and reference buffers.
ARCHITECTURE
The DAC architecture consists of a string DAC followed by an
output amplifier. Figure 42 shows a block diagram of the DAC
architecture. The reference input is buffered before being
applied to the DAC.
GND
RESISTOR
STRING
REF (+)
REF (–)
CONFIGURABLE
OUTPUT
AMPLIFIER
OUTPUT
RANGE CONTROL
REFIN
DAC REGISTER
VOUTX
Figure 42. DAC Architecture Block Diagram
The resistor string structure is shown in Figure 43. It is a string
of resistors, each of value R. The code loaded to the DAC
register determines the node on the string where the voltage is
to be tapped off and fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
REFIN
Figure 43. Resistor String Structure
Output Amplifiers
The output amplifiers are capable of generating both unipolar
and bipolar output voltages. They are capable of driving a load
of 2 kΩ in parallel with 4000 pF to GND. The source and sink
capabilities of the output amplifiers can be seen in Figure 26.
The slew rate is 4.5 V/µs with a full-scale settling time of 10 µs.
Reference Buffers
The AD5724R/AD5734R/AD5754R can operate with either an
external or internal reference. The reference input has an input
range of 2 V to 3 V with 2.5 V for specified performance. This
input voltage is then buffered before it is applied to the DAC cores.
SERIAL INTERFACE
The AD5724R/AD5734R/AD5754R are controlled over a
versatile 3-wire serial interface that operates at clock rates up to
30 MHz. It is compatible with SPI®, QSPI™, MICROWIRE™, and
DSP standards.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. The input register consists of a read/write
bit, three register select bits, three DAC address bits, and 16 data
bits. The timing diagram for this operation is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com