Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5754R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5754R Datasheet HTML 19Page - Analog Devices AD5754R Datasheet HTML 20Page - Analog Devices AD5754R Datasheet HTML 21Page - Analog Devices AD5754R Datasheet HTML 22Page - Analog Devices AD5754R Datasheet HTML 23Page - Analog Devices AD5754R Datasheet HTML 24Page - Analog Devices AD5754R Datasheet HTML 25Page - Analog Devices AD5754R Datasheet HTML 26Page - Analog Devices AD5754R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Preliminary Technical Data
AD5724R/AD5734R/AD5754R
Rev. PrC | Page 23 of 32
LOAD DAC (LDAC)
After data has been transferred into the input register of the
DACs, there are two ways to update the DAC registers and DAC
outputs. Depending on the status of both SYNC and LDAC, one
of two update modes is selected, individual DAC updating or
simultaneous updating of all DACs.
SYNC
SCLK
VOUT
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIER
LDAC
SDO
SDIN
VREFIN
INPUT
REGISTER
12-/14-/16-BIT
DAC
Figure 45. Simplified Diagram of Input Loading Circuitry for One DAC
Individual DAC Updating
In this mode, LDAC is held low while data is being clocked into
the input shift register. The addressed DAC output is updated
on the rising edge of SYNC.
Simultaneous Updating of All DACs
In this mode, LDAC is held high while data is being clocked
into the input shift register. All DAC outputs are
asynchronously updated by taking LDAC low after SYNC has
been taken high. The update now occurs on the falling edge of
LDAC.
ASYNCHRONOUS CLEAR (CLR)
CLR is an active low clear that allows the outputs to be cleared
to either zero-scale code or mid-scale code. The clear code value
is user-selectable via the CLR SELECT bit of the control register
(see the Control Register section). It is necessary to maintain CLR
low for a minimum amount of time to complete the operation
(see Figure 2). When the CLR signal is returned high, the output
remains at the cleared value until a new value is programmed.
The outputs cannot be updated with a new value while the CLR
pin is low. A clear operation can also be performed via the clear
command in the control register.
CONFIGURING THE AD5724R/AD5734R/AD5754R
When the power supplies are applied to the AD5724R/
AD5734R/AD5754R, the power-on reset circuit ensures that all
registers default to 0. This places all channels and the internal
reference in power-down mode. The first communication to the
AD5724R/AD5734R/AD5754R should be to set the required
output range on all channels (default range is the 5 V unipolar
range) by writing to the range select register. The user should then
write to the power-control register to power-on the required
channels and the internal reference, if required. If an external
reference source is being used, the internal reference must
remain in power-down mode. To program an output value on a
channel, that channel must first be powered up; any writes to a
channel while it is in power down mode are ignored. The
AD5724R/AD5734R/AD5754R operate with a wide power supply
range. It is important that the power supply applied to the parts
provides adequate headroom to support the chosen output
ranges.
TRANSFER FUNCTION
Table 9 to Table 17 show the relationships of the ideal input code
to output voltage for the AD5754R, AD5734R, and AD5724R,
respectively, for all output voltage ranges. For unipolar output
ranges, the data coding is straight binary. For bipolar output
ranges, the data coding is user-selectable via the BIN/2sCOMP
pin and can be either offset binary or twos complement.
For a unipolar output range, the output voltage expression is
given by
⎥⎦
⎤
⎢⎣
⎡
×
=
N
REFIN
OUT
D
Gain
V
V
2
For a bipolar output range, the output voltage expression is given by
2
2
REFIN
N
REFIN
OUT
V
Gain
D
Gain
V
V
×
−
⎥⎦
⎤
⎢⎣
⎡
×
=
where:
D is the decimal equivalent of the code loaded to the DAC.
N is the bit resolution of the DAC.
VREFIN is the reference voltage applied at the REFIN pin.
Gain is an internal gain the value of which depends on the
output range selected by the user as shown in Table 8.
Table 8.
Output Range (V)
Gain Value
+5
2
+10
4
+10.8
4.32
±5
4
±10
8
±10.8
8.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com