Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5754R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5754R Datasheet HTML 24Page - Analog Devices AD5754R Datasheet HTML 25Page - Analog Devices AD5754R Datasheet HTML 26Page - Analog Devices AD5754R Datasheet HTML 27Page - Analog Devices AD5754R Datasheet HTML 28Page - Analog Devices AD5754R Datasheet HTML 29Page - Analog Devices AD5754R Datasheet HTML 30Page - Analog Devices AD5754R Datasheet HTML 31Page - Analog Devices AD5754R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 28 of 32
OUTPUT RANGE SELECT REGISTER
The output range select register is addressed by setting the three REG bits to 001. The DAC address bits select the DAC channel, while,
the range bits (R2, R1, R0) select the required output range (see Table 23 and Table 24).
Table 23. Programming the Required Output Range
MSB
LSB
REG2
REG1
REG0
A2
A1
A0
DB15 to DB3
DB2
DB1
DB0
0
0
1
DAC Address
Don’t Care
R2
R1
R0
Table 24. Output Range Options
R2
R1
R0
Output Range (V)
0
0
0
+5
0
0
1
+10
0
1
0
+10.8
0
1
1
±5
1
0
0
±10
1
0
1
±10.8
CONTROL REGISTER
The control register is addressed by setting the three REG bits to 011. The value written to the address and data bits determines the
control function selected. The control register options are shown in Table 25 and Table 26.
Table 25. Control Register Format
MSB
LSB
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
1
1
0
0
0
NOP, Data = Don’t Care
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
1
1
0
0
1
Don’t Care
TSD ENABLE
CLAMP ENABLE
CLR SELECT
SDO DISABLE
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
1
1
1
0
0
CLEAR, Data = Don’t Care
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
1
1
1
0
1
LOAD, Data = Don’t Care
Table 26. Control Register Functions
Option
Description
NOP
No operation instruction used in readback operations.
CLEAR
Addressing this function sets the DAC registers to the clear code and updates the outputs.
LOAD
Addressing this function updates the DAC registers and consequently, the DAC outputs.
SDO DISABLE
Set by the user to disable the SDO output. Cleared by the user to enable the SDO output (default).
CLR SELECT
See Table 27 for a description of the CLR SELECT operation.
CLAMP ENABLE
Set by the user to enable the current limit clamp (default). The channel does not power down on detection of
overcurrent; the current is clamped at 20 mA.
Cleared by the user to disable the current-limit clamp. The channel powers down on detection of overcurrent.
TSD ENABLE
Set by the user to enable the thermal shutdown feature. Cleared by the user to disable the thermal shutdown
feature (default).
Table 27. CLR Select Options
CLR SELECT
Output CLR Value
Setting
Unipolar Output Range
Bipolar Output Range
0
0 V
0 V
1
Mid-Scale
Negative Full-Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com