Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5754R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5754R Datasheet HTML 23Page - Analog Devices AD5754R Datasheet HTML 24Page - Analog Devices AD5754R Datasheet HTML 25Page - Analog Devices AD5754R Datasheet HTML 26Page - Analog Devices AD5754R Datasheet HTML 27Page - Analog Devices AD5754R Datasheet HTML 28Page - Analog Devices AD5754R Datasheet HTML 29Page - Analog Devices AD5754R Datasheet HTML 30Page - Analog Devices AD5754R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Preliminary Technical Data
AD5724R/AD5734R/AD5754R
Rev. PrC | Page 27 of 32
INPUT REGISTER
The input register is 24 bits wide and consists of a read/write bit, a reserved bit, three register select bits, three DAC address bits, and 12-
/14-/16 data bits. The register data is clocked in MSB first on the SDIN pin. Table 18 shows the register format while Table 19 describes
the function of each bit in the register. All registers are read/write registers.
Table 18. Input Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
R/W
0
REG2
REG1
REG0
A2
A1
A0
DATA
Table 19. Input Register Bit Functions
Bit Mnemonic
Description
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a write operation is to the data register, output range
select register, power control register or control register.
REG2
REG1
REG0
Function
0
0
0
Data Register
0
0
1
Output Range Select Register
0
1
0
Power Control Register
0
1
1
Control Register
A2, A1, A0
These bits are used to decode the DAC channels.
A2
A1
A0
Channel Address
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
0
0
All Four DACs
DB15 to DB0
Data bits.
DATA REGISTER
The data register is addressed by setting the three REG bits to 000. The DAC address bits select the DAC channel where the data transfer
is to take place (see Table 19). The data bits are in positions DB15 to DB0 for the AD5754R (see Table 20), DB15 to DB2 for the AD5734R
(see Table 21), and DB15 to DB4 for the AD5724R (see Table 22).
Table 20. Programming the AD5754R Data Register
MSB
LSB
REG2
REG1
REG0
A2
A1
A0
DB15 to DB0
0
0
0
DAC Address
16-Bit DAC Data
Table 21. Programming the AD5734R Data Register
MSB
LSB
REG2
REG1
REG0
A2
A1
A0
DB15 to DB2
DB1
DB0
0
0
0
DAC Address
14-Bit DAC Data
X
X
Table 22. Programming the AD5724R Data Register
MSB
LSB
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
0
0
DAC Address
12-Bit DAC Data
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com