Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7699 Datasheet HTML 2Page - Analog Devices AD7699 Datasheet HTML 3Page - Analog Devices AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7949
Rev. A | Page 6 of 28
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VIO = 2.3 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 3. 1
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
2.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
4
μs
CNV Pulse Width
tCNVH
10
ns
Data Write/Read During Conversion
tDATA
1.0
μs
SCK Period
tSCK
15
ns
SCK Low Time
tSCKL
7
ns
SCK High Time
tSCKH
7
ns
SCK Falling Edge to Data Remains Valid
tHSDO
4
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
16
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
19
ns
CNV Low to SDO D15 MSB Valid
tEN
VIO Above 4.5 V
15
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
CNV High or Last SCK Falling Edge to SDO High Impedance
tDIS
25
ns
CNV Low to SCK Rising Edge
tCLSCK
10
ns
DIN Valid Setup Time from SCK Falling Edge
tSDIN
4
ns
DIN Valid Hold Time from SCK Falling Edge
tHDIN
4
ns
1 See Figure 2 and Figure 3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com