Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices AD7699 Datasheet HTML 27Page - Analog Devices AD7699 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7949
Rev. A | Page 25 of 28
APPLICATION HINTS
LAYOUT
The printed circuit board that houses the AD7949 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. The pinout of the
AD7949, with all its analog signals on the left side and all its
digital signals on the right side, eases this task.
Avoid running digital lines under the device because these
couple noise onto the die unless a ground plane under the
AD7949 is used as a shield. Fast switching signals, such as CNV
or clocks, should not run near analog signal paths. Crossover of
digital and analog signals should be avoided.
At least one ground plane should be used. It can be common or
split between the digital and analog sections. In the latter case,
the planes should be joined underneath the AD7949s.
The AD7949 voltage reference input REF has a dynamic input
impedance and should be decoupled with minimal parasitic
inductances. This is done by placing the reference decoupling
ceramic capacitor close to, ideally right up against, the REF and
GND pins and connecting them with wide, low impedance traces.
Finally, the power supplies VDD and VIO of the AD7949
should be decoupled with ceramic capacitors, typically 100 nF,
placed close to the AD7949 and connected using short, wide
traces to provide low impedance paths and reduce the effect of
glitches on the power supply lines.
EVALUATING AD7949 PERFORMANCE
Other recommended layouts for the AD7949 are outlined in the
documentation of the evaluation board for the AD7949 (EVAL-
AD7949CBZ). The evaluation board package includes a fully
assembled and tested evaluation board, documentation, and
software for controlling the board from a PC via the evaluation
controller board, EVAL-CONTROL BRD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com