Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7949
Rev. A | Page 14 of 28
THEORY OF OPERATION
SW+
MSB
4,096C
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
COM
4C
2C
C
C
8,192C
SW–
MSB
4,096C
LSB
4C
2C
C
C
8,192C
INx+
INx– OR
Figure 23. ADC Simplified Schematic
OVERVIEW
The AD7949 is an 8-channel, 14-bit, charge redistribution
successive approximation register (SAR) analog-to-digital
converter (ADC). The AD7949 is capable of converting 250,000
samples per second (250 kSPS) and powers down between
conversions. For example, when operating with an external
reference at 1 kSPS, it consumes 15 μW typically, ideal for
battery-powered applications.
The AD7949 contains all of the components for use in a multi-
channel, low power, data acquisition system, including
•
14-bit SAR ADC with no missing codes
•
8-channel, low crosstalk multiplexer
•
Internal low drift reference and buffer
•
Temperature sensor
•
Selectable one-pole filter
•
Channel sequencer
These components are configured through an SPI-compatible,
14-bit register. Conversion results, also SPI compatible, can be
read after or during conversions with the option for reading
back the current configuration.
The AD7949 provides the user with an on-chip track-and-hold
and does not exhibit pipeline delay or latency.
The AD7949 is specified from 2.3 V to 5.5 V and can be
interfaced to any 1.8 V to 5 V digital logic family. It is housed in
a 20-lead, 4 mm × 4 mm LFCSP that combines space savings
and allows flexible configurations. It is pin-for-pin compatible
with the 16-bit AD7682, AD7699, and AD7689.
CONVERTER OPERATION
The AD7949 is a successive approximation ADC based on a
charge redistribution DAC. Figure 23 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 14 binary-weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator input are connected to GND via SW+ and SW−. All
independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on the INx+ and INx− (or COM)
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated. When the
conversion phase begins, SW+ and SW− are opened first. The
two capacitor arrays are then disconnected from the inputs and
connected to the GND input. Therefore, the differential voltage
between the INx+ and INx− (or COM) inputs captured at the
end of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between GND and CAP, the
comparator input varies by binary-weighted voltage steps
(VREF/2, VREF/4, ... VREF/16,384). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the part returns to the acquisition phase, and the control logic
generates the ADC output code and a busy signal indicator.
Because the AD7949 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com