Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 1 Page - Analog Devices

  AD7699 Datasheet HTML 1Page - Analog Devices AD7699 Datasheet HTML 2Page - Analog Devices AD7699 Datasheet HTML 3Page - Analog Devices AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
14-Bit, 8-Channel,
250 kSPS PulSAR ADC
AD7949
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
14-bit resolution with no missing codes
8-channel multiplexer with choice of inputs
Unipolar single ended
Differential (GND sense)
Pseudobipolar
Throughput: 250 kSPS
INL/DNL: ±0.5 LSB typical
SINAD: 85 dB @ 20 kHz
THD: 100 dB @ 20 kHz
Analog input range: 0 V to VREF with VREF up to VDD
Multiple reference types
Internal selectable 2.5 V or 4.096 V
External buffered (up to 4.096 V)
External (up to VDD)
Internal temperature sensor
Channel sequencer, selectable 1-pole filter, busy indicator
No pipeline delay, SAR architecture
Single-supply 2.7 V to 5.5 V operation with
1.8 V to 5 V logic interface
Serial interface compatible with SPI, MICROWIRE,
QSPI, and DSP
Power dissipation
2.9 mW @ 2.5 V/200 kSPS
10.8 mW @ 5 V/250 kSPS
Standby current: 50 nA
20-lead 4 mm × 4 mm LFCSP package
APPLICATIONS
Battery-powered equipment
Medical instruments: ECG/EKG
Mobile communications: GPS
Personal digital assistants
Power line monitoring
Data acquisition
Seismic data acquisition systems
Instrumentation
Process control
FUNCTIONAL BLOCK DIAGRAM
AD7949
REF
GND
VDD
VIO
DIN
SCK
SDO
CNV
1.8V
TO
VDD
2.7V TO 5V
SEQUENCER
SPI SERIAL
INTERFACE
MUX
16-BIT SAR
ADC
BAND GAP
REF
TEMP
SENSOR
REFIN
IN0
IN1
IN4
IN5
IN6
IN7
IN3
IN2
COM
0.5V TO VDD
22µF
0.5V TO 4.096V
0.1µF
ONE-POLE
LPF
Figure 1.
Table 1. Multichannel 14-/16-Bit PulSAR® ADC
Type
Channels
250 kSPS
500 kSPS
ADC Driver
14-Bit
8
AD7949
ADA4841-x
16-Bit
4
AD7682
ADA4841-x
16-Bit
8
AD7689
AD7699
ADA4841-x
GENERAL DESCRIPTION
The AD7949 is an 8-channel, 14-bit, charge redistribution
successive approximation register (SAR) analog-to-digital
converter (ADC) that operates from a single power supply, VDD.
The AD7949 contains all components for use in a multichannel,
low power data acquisition system, including a true 14-bit SAR
ADC with no missing codes; an 8-channel, low crosstalk multi-
plexer useful for configuring the inputs as single ended (with or
without ground sense), differential, or bipolar; an internal low
drift reference (selectable 2.5 V or 4.096 V) and buffer; a
temperature sensor; a selectable one-pole filter; and a sequencer
that is useful when channels are continuously scanned in order.
The AD7949 uses a simple SPI interface for writing to the
configuration register and receiving conversion results. The SPI
interface uses a separate supply, VIO, which is set to the host
logic level. Power dissipation scales with throughput.
The AD7949 is housed in a tiny 20-lead LFCSP with operation
specified from −40°C to +85°C.


Similar Part No. - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7699 AD-AD7699 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699BCPZ AD-AD7699BCPZ Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699BCPZRL7 AD-AD7699BCPZRL7 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
More results

Similar Description - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7942 AD-AD7942 Datasheet
555Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
6/2017Rev. E to Rev. F
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com