Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7949
Rev. A | Page 22 of 28
CONFIGURATION REGISTER, CFG
The AD7949 uses a 14-bit configuration register (CFG[13:0]) as
detailed in Table 9 for configuring the inputs, channel to be
converted, one-pole filter bandwidth, reference, and channel
sequencer. The CFG is latched (MSB first) on DIN with 14 SCK
rising edges. The CFG update is edge dependent, allowing for
asynchronous or synchronous hosts.
The register can be written to during conversion, during acquis-
ition, or spanning acquisition/conversion and is updated at the
end of conversion, tCONV (max). There is always a one deep delay
when writing CFG. Note that, at power up, the CFG is undefined,
and two dummy conversions are required to update the register.
To preload the CFG with a factory setting, hold DIN high for two
conversions. Thus CFG[13:0] = 0x3FFF. This sets the AD7949 for
•
IN[7:0] unipolar referenced to GND, sequenced in order
•
Full bandwidth for one-pole filter
•
Internal reference/temperature sensor disabled, buffer
enabled
•
No readback of CFG
Table 9 summarizes the configuration register bit details. See
the Theory of Operation section for more details.
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INCC
INCC
INx
INx
INx
BW
REF
REF
REF
SEQ
SEQ
RB
Table 9. Configuration Register Description
Bit(s)
Name
Description
<13>
CFG
Configuration update.
0 = Keep current configuration settings.
1 = Overwrite contents of register.
<12:10>
INCC
Input channel configuration. Selection of pseudobipolar, pseudodifferential, pairs, single-ended or temperature sensor. Refer to
the
Input Configurations section.
Bit 12
Bit 11
Bit 10
Function
0
0
X
Bipolar differential pairs; INx− referenced to VREF/2 ±0.1 V.
0
1
0
Bipolar; INx referenced to COM = VREF/2 ±0.1 V.
0
1
1
Temperature sensor.
1
0
X
Unipolar differential pairs; INx− referenced to GND ±0.1 mV.
1
1
0
Unipolar, IN0 to IN7 referenced to COM = GND ±0.1 V (GND sense).
1
1
1
Unipolar, IN0 to IN7 referenced to GND.
<9:7>
INx
Input channel selection in binary fashion.
Bit 9
Bit 8
Bit 7
Channel
0
0
0
IN0
0
0
1
IN1
…
…
…
1
1
1
IN7
<6>
BW
Select bandwidth for low-pass filter. Refer to the
Selectable Low Pass Filter section.
0 = ¼ of BW, uses an additional series resistor to further bandwidth limit the noise. Maximum throughout must be reduced to
¼ also.
1 = Full BW.
<5:3>
REF
Reference/buffer selection. Selection of internal, and external, external buffered, and enabling of the on-chip temperature
sensor. Refer to the
Voltage Reference Output/Input section.
Bit 5
Bit 4
Bit 3
Function
0
0
0
Internal reference, REF = 2.5 V output.
0
0
1
Internal reference, REF = 4.096 V output.
0
1
0
External reference, temperature enabled.
0
1
1
External reference, internal buffer, temperature enabled.
1
1
0
External reference, temperature disabled.
1
1
1
External reference, internal buffer, temperature disabled.
<2:1>
SEQ
Channel sequencer. Allows for scanning channels in an IN0 to INx fashion. Refer to the
Sequencer section.
Bit 2
Bit 1
Function
0
0
Disable sequencer.
0
1
Update configuration during sequence.
1
0
Scan IN0 to INx (set in CFG[9:7]), then temperature.
1
1
Scan IN0 to INx (set in CFG[9:7]).
0
RB
Read back the CFG register.
0 = Read back current configuration at end of data.
1 = Do not read back contents of configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com