Electronic Components Datasheet Search
  English  ▼

X  

AD9714 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9714
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9714 Datasheet HTML 33Page - Analog Devices AD9714 Datasheet HTML 34Page - Analog Devices AD9714 Datasheet HTML 35Page - Analog Devices AD9714 Datasheet HTML 36Page - Analog Devices AD9714 Datasheet HTML 37Page - Analog Devices AD9714 Datasheet HTML 38Page - Analog Devices AD9714 Datasheet HTML 39Page - Analog Devices AD9714 Datasheet HTML 40Page - Analog Devices AD9714 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 37 of 48
DIGITAL INTERFACE OPERATION
Digital data for the I and Q DACs is supplied over a single
parallel bus (DB[MSB:0]) accompanied by a qualifying clock
(DCLKIO). The I and Q data is provided to the chip in an
interleaved double data rate (DDR) format. The maximum
guaranteed data rate is 250 MSPS with a 125 MHz clock. The
order of data pairing and the sampling edge selection is user
programmable using the IFIRST and IRISING configuration
bits, resulting in four possible timing diagrams. These are
shown in Figure 77, Figure 78, Figure 79, and Figure 80.
DCLKIO
DB[13:0]
Z
A
B
C
D
E
F
G
H
I DATA
Z
B
D
F
Q DATA
Y
A
C
E
Figure 77. Timing Diagram with IFIRST = 0, IRISING = 0
DCLKIO
DB[13:0]
Z
A
B
C
D
E
F
G
H
I DATA
Y
A
C
E
Q DATA
X
Z
B
D
Figure 78. Timing Diagram with IFIRST = 0, IRISING = 1
DCLKIO
DB[13:0]
Z
A
B
C
D
E
F
G
H
I DATA
Z
B
D
F
Q DATA
A
C
E
G
Figure 79. Timing Diagram with IFIRST = 1, IRISING = 0
DCLKIO
DB[13:0]
Z
A
B
C
D
E
F
G
H
I DATA
Y
A
C
E
Q DATA
Z
B
D
F
Figure 80. Timing Diagram with IFIRST = 1, IRISING = 1
Ideally, the rising and falling edges of the clock fall in the center
of the keep-in-window formed by the set-up and hold times, tS
and tH. A detailed timing diagram is shown in Figure 81.
DCLKIO
DB[13:0]
tS tH
tS tH
Figure 81. Set-Up and Hold Times for All Input Modes
In addition to the different timing modes listed in Table 2, the
input data can also be presented to the device in either unsigned
binary or twos complement format. The format type is chosen
via the TWOS configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com