Electronic Components Datasheet Search
  English  ▼

X  

AD9714 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9714
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9714 Datasheet HTML 40Page - Analog Devices AD9714 Datasheet HTML 41Page - Analog Devices AD9714 Datasheet HTML 42Page - Analog Devices AD9714 Datasheet HTML 43Page - Analog Devices AD9714 Datasheet HTML 44Page - Analog Devices AD9714 Datasheet HTML 45Page - Analog Devices AD9714 Datasheet HTML 46Page - Analog Devices AD9714 Datasheet HTML 47Page - Analog Devices AD9714 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 44 of 48
DIFFERENTIAL BUFFERED OUTPUT
USING AN OP AMP
A dual op amp (see the circuit shown in Figure 91) can be used
in a differential version of the single-ended buffer shown in
Figure 90. The same R-C network is used to form a one-pole
differential, low-pass filter to isolate the op amp inputs from
the high frequency images produced by the DAC outputs. The
feedback resistors, RFB, determine the differential peak-to-peak
signal swing by the formula
VOUT = 2 × RFB × IFS
The maximum and minimum single-ended voltages out of the
amplifier are, respectively,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
B
FB
REF
MAX
R
R
V
V
1
VMIN = VMAX − RFB × IFS
The common-mode voltage of the differential output is
determined by the formula
VCM = VMAX – RFB × IFS
AD9714/AD9715/
AD9716/AD9717
IOUTP
IOUTN
RFB
VOUT
REFIO 34
28
RS
AVSS 25
CF
C
RFB
RB
CF
RS
RB
29
ADA4841-2
+
–
ADA4841-2
Figure 91. Single-Supply Differential Buffer
AUXILIARY DACs
The DACs of the AD9714/AD9715/AD9716/AD9717 feature
two versatile and independent 10-bit auxiliary DACs suitable
for dc offset correction and similar tasks.
Because the AUXDACs are driven through the SPI port, they
should never be used in timing-critical applications, such
as inside analog feedback loops.
To keep the pin count reasonable, these auxiliary DACs each
share a pin with the corresponding FSADJx resistor. They are,
therefore, usable only when enabled and when that DAC is
operated on its internal full-scale resistors. A simple I-to-V
converter is implemented on chip with selectable shunt resistors
(3.2 kΩ to 16 kΩ) such that if REFIO is set to exactly 1 V, REFIO/2
equals 0.5 V and the following equation describes the no load
output voltage:
Ω
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
k
16
5
.
1
V
5
.
0
S
DAC
OUT
R
I
V
Figure 92 illustrates the function of all the SPI bits controlling
these DACs with the exception of the QAUXEN and IAUXEN
bits and gating to prohibit RS < 3.2 kΩ.
+
–
OP AMP
AUXDAC
[9:0]
AVDD
RNG0
RNG1
REFIO
2
16kΩ 16kΩ
16kΩ
4kΩ
8kΩ
OFS2
OFS1
OFS0
(OFS > 4 = 4)
AUX
PIN
RNG: 00 = > 125µA
fS
01 = > 62µA
fS
10 = > 31µA
fS
11 = > 16µA
fS
Figure 92. AUXDAC Simplified Circuit Diagram
The SPI speed limits the update rate of the auxiliary DACs. The
data is inverted such that IAUXDAC is full scale at 0x000 and zero
at 0x1FF, as shown in Figure 93.
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10
20
30
40
50
60 70
80
90 100
120 130
IAUXDAC (µA)
110
R_OFFSET = 3.3kΩ
R_OFFSET = 4kΩ
R_OFFSET = 5.3kΩ
R_OFFSET = 8kΩ
R_OFFSET = 16kΩ
OP AMP OUTPUT VOLTAGE vs.
CHANGES IN R_OFFSET AND IDAC
Figure 93. AUXDAC Op Amp Output vs. Current, AVDD = 3.3 V No Load,
AUXDAC 0x1FF to 0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com