Electronic Components Datasheet Search
  English  ▼

X  

AD9714 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9714
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9714 Datasheet HTML 37Page - Analog Devices AD9714 Datasheet HTML 38Page - Analog Devices AD9714 Datasheet HTML 39Page - Analog Devices AD9714 Datasheet HTML 40Page - Analog Devices AD9714 Datasheet HTML 41Page - Analog Devices AD9714 Datasheet HTML 42Page - Analog Devices AD9714 Datasheet HTML 43Page - Analog Devices AD9714 Datasheet HTML 44Page - Analog Devices AD9714 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 41 of 48
COARSE GAIN ADJUSTMENT
Option 1
A coarse full-scale output current adjustment can be achieved
using the lower six bits in Register 0x0D. This adds or subtracts
up to 20% from the band gap voltage on Pin 34 (REFIO), and
the voltage on the FSADJx resistors tracks this change. As a
result, the DAC full-scale current varies the same amount.
A secondary effect to changing the REFIO voltage is that the
full-scale voltage in the AUXDAC also changes by the same
magnitude. The register uses twos complement format, in
which 011111 maximizes the voltage on the REFIO node
and 100000 minimizes the voltage.
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0
8
16
24
32
40
48
56
CODE
Figure 84. Typical VREF Voltage vs. Code
Option 2
While utilizing the internal FSADJx resistors, each main DAC
can achieve independently controlled coarse gain using the
lower six bits of Register 0x04 (IRSET[5:0]) and Register 0x07
(QRSET[5:0]). Unlike Coarse Gain Option 1, this impacts only
the main DAC full-scale output current. The register uses twos
complement format and allows the output current to be changed
in approximately 0.25 dB steps.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
3040
50
60
RSET CODE
VOUT_Q OR VOUT_I
Figure 85. Effect of RSET Code
Option 3
Even when the device is in pin mode, full-scale values can be
adjusted by sourcing or sinking current from the FSADJ pins.
Any noise injected here appears as amplitude modulation of the
output. Thus, a portion of the required series resistance (at least
20 kΩ) must be installed right at the pin. A range of ±10% is
quite practical using this method.
Option 4
As in Option 3, when the device is in pin mode both full-scale
values can be adjusted by sourcing or sinking current from the
REFIO pin. Noise injected here appears as amplitude modulation
of the output, so a portion of the required series resistance (at
least 10 kΩ) must be installed at the pin. A range of ±25% is
quite practical when using this method.
Fine Gain
Each main DAC has independent fine gain control using the
lower six bits in Register 0x03 (I DAC gain) and Register 0x06
(Q DAC gain). Unlike Coarse Gain Option 1, this impacts only
the main DAC full-scale output current. This register uses straight
binary format. One application where this straight binary for-
mat is critical is for side-band suppression while using a quadrature
modulator. This is described in more detail in the Applications
Information section.
2.22
2.20
2.18
2.16
2.14
2.12
2.10
0
8
16
24
32
40
48
56
64
GAIN DAC CODE
3.3V DAC1
3.3V DAC2
1.8V DAC1
1.8V DAC2
Figure 86. Typical DAC Gain Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com