Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 9Page - Texas Instruments ADS5484 Datasheet HTML 10Page - Texas Instruments ADS5484 Datasheet HTML 11Page - Texas Instruments ADS5484 Datasheet HTML 12Page - Texas Instruments ADS5484 Datasheet HTML 13Page - Texas Instruments ADS5484 Datasheet HTML 14Page - Texas Instruments ADS5484 Datasheet HTML 15Page - Texas Instruments ADS5484 Datasheet HTML 16Page - Texas Instruments ADS5484 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
f − Frequency − MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
G018
SFDR = 93 dBc
SINAD = 75.7 dBFS
SNR = 75.8 dBFS
THD = 97 dBc
f − Frequency − MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
G019
SFDR = 88 dBc
SINAD = 74.7 dBFS
SNR = 75 dBFS
THD = 86 dBc
f − Frequency − MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
G020
SFDR = 84 dBc
SINAD = 74.1 dBFS
SNR = 75 dBFS
THD = 80.8 dBc
f − Frequency − MHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
G021
SFDR = 73 dBc
SINAD = 69.5 dBFS
SNR = 74.5 dBFS
THD = 70.2 dBc
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5485 - 200-MSPS Typical Data
Plots in this section are with a clock of 200 MSPS, unless otherwise specified.
ADS5485 SPECTRAL PERFORMANCE
ADS5485 SPECTRAL PERFORMANCE
vs
vs
FFT for 10-MHz INPUT SIGNAL
FFT for 70-MHz INPUT SIGNAL
Figure 13.
Figure 14.
ADS5485 SPECTRAL PERFORMANCE
ADS5485 SPECTRAL PERFORMANCE
vs
vs
FFT for 130-MHz INPUT SIGNAL
FFT for 230-MHz INPUT SIGNAL
Figure 15.
Figure 16.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com