Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 17Page - Texas Instruments ADS5484 Datasheet HTML 18Page - Texas Instruments ADS5484 Datasheet HTML 19Page - Texas Instruments ADS5484 Datasheet HTML 20Page - Texas Instruments ADS5484 Datasheet HTML 21Page - Texas Instruments ADS5484 Datasheet HTML 22Page - Texas Instruments ADS5484 Datasheet HTML 23Page - Texas Instruments ADS5484 Datasheet HTML 24Page - Texas Instruments ADS5484 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Applied External VREF − V
−4
−2
0
2
4
6
8
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
G057
fS = 135 MSPS
fIN = 30 MHz
AIN ≤ −1 dBFS
Normalized to 1.2 VREF
Linear Fit: y = −9.8x + 11.8
Applied External VREF − V
70
75
80
85
90
95
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
G058
fS = 135 MSPS
fIN = 30 MHz
Dither Enabled
Signal Amplitude Relative
to Adjusted Fullscale
AIN = −3 dBFS
AIN = −7 dBFS
AIN = −6 dBFS
AIN = −4 dBFS
AIN = −10 dBFS
AIN = −2 dBFS
AIN = −1 dBFS
Applied External VREF − V
60
62
64
66
68
70
72
74
76
78
80
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
G059
fS = 135 MSPS
fIN = 30 MHz
Dither Enabled
Signal Amplitude Relative
to Adjusted Fullscale
AIN = −6 dBFS
AIN = −10 dBFS
AIN = −7 dBFS
AIN = −4 dBFS
AIN = −3 dBFS
AIN = −1 dBFS
AIN = −2 dBFS
Applied External VREF − V
1.7
1.8
1.9
2.0
2.1
2.2
2.3
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
G060
fS = 135 MSPS
fIN = 30 MHz
Signal Adjusted to −1 dBFS
Applied External VREF − V
3.10
3.11
3.12
3.13
3.14
3.15
3.16
3.17
3.18
3.19
3.20
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
G061
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
Figure 32. Signal Gain Adjustment versus External
Figure 33. SFDR versus External VREF and AIN
Reference (VREF)
Figure 34. SNR versus External VREF and AIN
Figure 35. Total Power Consumption versus
External VREF
Figure 36. VCM Pin Output versus External VREF
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com